Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT79L71IB Datasheet(PDF) 37 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 37 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 33Page - Exar Corporation XRT79L71IB Datasheet HTML 34Page - Exar Corporation XRT79L71IB Datasheet HTML 35Page - Exar Corporation XRT79L71IB Datasheet HTML 36Page - Exar Corporation XRT79L71IB Datasheet HTML 37Page - Exar Corporation XRT79L71IB Datasheet HTML 38Page - Exar Corporation XRT79L71IB Datasheet HTML 39Page - Exar Corporation XRT79L71IB Datasheet HTML 40Page - Exar Corporation XRT79L71IB Datasheet HTML 41Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 109 page
background image
XRT79L71
34
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
B4
RxRED/
RxNib_3/
RxHDLCDat_3
O
Receive Section Red Alarm Indicator/Receive Nibble Interface Output pin -
Bit 3/Receive HDLC Controller Data Bus output pin - Bit 3:
The function of this output pin depends upon whether the XRT79L71 has been
configured to operate in the Clear-Channel Framer/Nibble-Parallel Mode, the
High-Speed HDLC Controller Mode, or in some other mode.
Clear-Channel Framer/Nibble-Parallel Mode - RxNib_3:
The XRT79L71 will output Received data from the remote terminal equipment
to the System-Side terminal equipment via this pin, along with RxNib_0 through
RxNib_2. This particular output pin functions as the LSB. The data at this pin is
updated on the rising edge of the RxClk output signal. Hence, the user's Sys-
tem-Side terminal equipment should sample this signal upon the falling edge of
RxClk.
High-Speed HDLC Controller Mode - Receive High-Speed HDLC Controller
Output Interface Block - Data Bus Output Pin #3 - RxHDLCDat_3:
This output pin along with RxHDLCDat_[7:4] and RxHDLCDat_[2:0] functions
as the Receive High-Speed HDLC Controller Output Interface byte wide output
data bus. The Receive High-Speed HDLC Controller Output Interface block will
output the contents of all HDLC frames and flag sequence octects via this out-
put data bus, upon the rising edge of the RxHDLCClk output signal. Hence, the
user's local terminal equipment should be designed/configured to sample this
data upon the falling edge of the RxHDLCClk output clock signal.
Other Modes - RxRED - RED Alarm/Defect Indicator Output pin:
The XRT79L71 will assert this output pin (e.g., toggle it "High") in order to indi-
cate that the Receive DS3/E3 Framer block is currently declaring at least one of
the following defect conditions.
• LOS - Loss of Signal Defect Condition
• OOF - Out of Frame Defect Condition
• AIS - Alarm Indication Signal Defect Condition.
The XRT79L71 will negate this output pin (e.g., toggle it "Low") anytime that the
Receive DS3/E3 Framer block is NOT currently declaring any of the above-
mentioned defect conditions.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com