Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GP10FFIR12 Datasheet(PDF) 26 Page - SPANSION

Part # S29GL01GP10FFIR12
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP10FFIR12 Datasheet(HTML) 26 Page - SPANSION

Back Button S29GL01GP10FFIR12 Datasheet HTML 22Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 23Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 24Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 25Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 26Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 27Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 28Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 29Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 30Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 77 page
background image
26
S29GL-P MirrorBit® Flash Family
S29GL-P_00_A7 November 8, 2007
Data
Sheet
(Pre limin ar y)
Software Functions and Sample Code
Note
Base = Base Address.
The following is a C source code example of using the single word program function. Refer to the Spansion
Low Level Driver User’s Guide (available on www.spansion.com) for general information on Spansion Flash
memory software development guidelines.
/* Example: Program Command
*/
*( (UINT16 *)base_addr + 0x555 ) = 0x00AA;
/* write unlock cycle 1
*/
*( (UINT16 *)base_addr + 0x2AA ) = 0x0055;
/* write unlock cycle 2
*/
*( (UINT16 *)base_addr + 0x555 ) = 0x00A0;
/* write program setup command
*/
*( (UINT16 *)pa )
= data;
/* write data to be programmed
*/
/* Poll for program completion */
7.7.2
Write Buffer Programming
Write Buffer Programming allows the system to write a maximum of 32 words in one programming operation.
This results in a faster effective word programming time than the standard “word” programming algorithms.
The Write Buffer Programming command sequence is initiated by first writing two unlock cycles. This is
followed by a third write cycle containing the Write Buffer Load command written at the Sector Address in
which programming occurs. At this point, the system writes the number of “word locations minus 1” that are
loaded into the page buffer at the Sector Address in which programming occurs. This tells the device how
many write buffer addresses are loaded with data and therefore when to expect the “Program Buffer to Flash”
confirm command. The number of locations to program cannot exceed the size of the write buffer or the
operation aborts. (Number loaded = the number of locations to program minus 1. For example, if the system
programs 6 address locations, then 05h should be written to the device.)
The system then writes the starting address/data combination. This starting address is the first address/data
pair to be programmed, and selects the “write-buffer-page” address. All subsequent address/data pairs must
fall within the elected-write-buffer-page.
The “write-buffer-page” is selected by using the addresses AMAX–A5.
The “write-buffer-page” addresses must be the same for all address/data pairs loaded into the write buffer.
(This means Write Buffer Programming cannot be performed across multiple “write-buffer-pages.” This also
means that Write Buffer Programming cannot be performed across multiple sectors. If the system attempts to
load programming data outside of the selected “write-buffer-page”, the operation ABORTs.)
After writing the Starting Address/Data pair, the system then writes the remaining address/data pairs into the
write buffer.
Note that if a Write Buffer address location is loaded multiple times, the “address/data pair” counter is
decremented for every data load operation. Also, the last data loaded at a location before the “Program Buffer
to Flash” confirm command is the data programmed into the device. It is the software's responsibility to
comprehend ramifications of loading a write-buffer location more than once. The counter decrements for each
data load operation, NOT for each unique write-buffer-address location. Once the specified number of write
buffer locations have been loaded, the system must then write the “Program Buffer to Flash” command at the
Sector Address. Any other address/data write combinations abort the Write Buffer Programming operation.
The Write Operation Status bits should be used while monitoring the last address location loaded into the
write buffer. This eliminates the need to store an address in memory because the system can load the last
address location, issue the program confirm command at the last loaded address location, and then check
the write operation status at that same address. DQ7, DQ6, DQ5, DQ2, and DQ1 should be monitored to
determine the device status during Write Buffer Programming.
Table 7.6 Single Word/Byte Program
(LLD Function = lld_ProgramCmd)
Cycle
Operation
Byte Address
Word Address
Data
Unlock Cycle 1
Write
Base + AAAh
Base + 555h
00AAh
Unlock Cycle 2
Write
Base + 555h
Base + 2AAh
0055h
Program Setup
Write
Base + AAAh
Base + 555h
00A0h
Program
Write
Byte Address
Word Address
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com