Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GP10FFIR12 Datasheet(PDF) 55 Page - SPANSION

Part # S29GL01GP10FFIR12
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP10FFIR12 Datasheet(HTML) 55 Page - SPANSION

Back Button S29GL01GP10FFIR12 Datasheet HTML 51Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 52Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 53Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 54Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 55Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 56Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 57Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 58Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 59Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 77 page
background image
November 8, 2007 S29GL-P_00_A7
S29GL-P MirrorBit® Flash Family
55
Da ta
Shee t
(Prelim i nar y )
11.6
DC Characteristics
Notes
1. The ICC current listed is typically less than 2 mA/MHz, with OE# at VIH.
2. ICC active while Embedded Erase or Embedded Program or Write Buffer Programming is in progress.
3. Not 100% tested.
4. Automatic sleep mode enables the lower power mode when addresses remain stable tor tACC + 30 ns.
5. VIO = 1.65–3.6 V
6. VCC = 3 V and VIO = 3V or 1.8V. When VIO is at 1.8V, I/O pins cannot operate at 3V.
Table 11.2 S29GL-P DC Characteristics (CMOS Compatible)
Parameter
Symbol
Parameter Description
(Notes)
Test Conditions
Min
Typ
Max
Unit
ILI
Input Load Current (1)
VIN = VSS to VCC
VCC = VCC max
WP/ACC
±2.0
µA
Others
±1.0
ILIT
A9 Input Load Current
VCC = VCC max; A9 = 12.5 V
35
µA
ILO
Output Leakage Current
VOUT = VSS to VCC , VCC = VCC max
±1.0
µA
ICC1
VCC Active Read Current (1)
CE# = VIL, OE# = VIH, VCC = VCCmax, f = 1 MHz
6
20
mA
CE# = VIL, OE# = VIH, VCC = VCCmax, f = 5 MHz
30
55
CE# = VIL, OE# = VIH, VCC = VCCmax, f = 10 MHz
60
110
IIO2
VIO Non-Active Output
CE# = VIL, OE# = VIH
0.2
10
mA
ICC2
VCC Intra-Page Read Current (1)
CE# = VIL, OE# = VIH, VCC = VCCmax, f = 10 MHz
1
10
mA
CE# = VIL, OE# = VIH, VCC = VCCmax, f = 33 MHz
5
20
ICC3
VCC Active Erase/
Program Current (2, 3)
CE# = VIL, OE# = VIH, VCC = VCCmax
50
90
mA
ICC4
VCC Standby Current
CE#, RESET# = VCC ± 0.3 V,
OE# = VIH, VCC = VCCmax
VIL = VSS + 0.3 V/-0.1V,
15
µA
ICC5
VCC Reset Current
VCC = VCCmax; VIL = VSS + 0.3 V/-0.1V,
RESET# = VSS ± 0.3 V
250
500
µA
ICC6
Automatic Sleep Mode (4)
VCC = VCCmax, VIH = VCC ± 0.3 V,
VIL = VSS + 0.3 V/-0.1V, WP#/ACC = VIH
15
µA
IACC
ACC Accelerated
Program Current
CE# = VIL, OE# = VIH,
VCC = VCCmax, WP#/ACC = VHH
WP#/ACC
pin
10
20
mA
VCC pin
50
80
VIL
Input Low Voltage (5)
–0.1
0.3 x VIO
V
VIH
Input High Voltage (5)
0.7 x VIO
VIO + 0.3
V
VHH
Voltage for Program Acceleration VCC = 2.7 –3.6 V
11.5
12.5
V
VID
Voltage for Autoselect and
Temporary Sector Unprotect
VCC = 2.7 –3.6 V
11.5
12.5
V
VOL
Output Low Voltage (5)
IOL = 100 µA
0.15 x VIO
V
VOH
Output High Voltage (5)
IOH = -100 µA
0.85 x VIO
V
VLKO
Low VCC Lock-Out Voltage (3)
2.3
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com