Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GP10FFIR12 Datasheet(PDF) 59 Page - SPANSION

Part # S29GL01GP10FFIR12
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP10FFIR12 Datasheet(HTML) 59 Page - SPANSION

Back Button S29GL01GP10FFIR12 Datasheet HTML 55Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 56Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 57Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 58Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 59Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 60Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 61Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 62Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 63Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 77 page
background image
November 8, 2007 S29GL-P_00_A7
S29GL-P MirrorBit® Flash Family
59
Da ta
Shee t
(Prelim i nar y )
Notes
1. VIO < VCC + 200 mV.
2. VIO and VCC ramp must be synchronized during power up.
3. If RESET# is not stable for tVCS or tVIOS:
The device does not permit any read and write operations.
A valid read operation returns FFh.
A hardware reset is required.
4. VCC maximum power-up current (RST=VIL) is 20 mA.
Figure 11.8 Power-up Sequence Timings
Table 11.5 Power-up Sequence Timings
Parameter
Description
Speed
Unit
tVCS
Reset Low Time from rising edge of VCC (or last Reset pulse) to
rising edge of RESET#
Min
35
µs
tVIOS
Reset Low Time from rising edge of VIO (or last Reset pulse) to
rising edge of RESET#
Min
35
µs
tRH
Reset High Time before Read
Min
200
ns
VCC min
VCC
VIO min
VIO
CE#
RESET#
tRH
tVIOS
tVCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com