Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GP10FFIR12 Datasheet(PDF) 31 Page - SPANSION

Part # S29GL01GP10FFIR12
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP10FFIR12 Datasheet(HTML) 31 Page - SPANSION

Back Button S29GL01GP10FFIR12 Datasheet HTML 27Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 28Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 29Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 30Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 31Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 32Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 33Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 34Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 35Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 77 page
background image
November 8, 2007 S29GL-P_00_A7
S29GL-P MirrorBit® Flash Family
31
Da ta
Shee t
(Prelim i nar y )
Figure 7.3 Sector Erase Operation
Notes
1. See Table 12.1 on page 68 for erase command sequence.
2. See DQ3: Sector Erase Timeout State Indicator on page 39 for information on the sector erase timeout.
No
Write Unlock Cycles:
Address 555h, Data AAh
Address 2AAh, Data 55h
Write Sector Erase Cycles:
Address 555h, Data 80h
Address 555h, Data AAh
Address 2AAh, Data 55h
Sector Address, Data 30h
Write Additional
Sector Addresses
FAIL. Write reset command
to return to reading array.
PASS. Device returns
to reading array.
Perform Write Operation
Status Algorithm
Select
Additional
Sectors?
Unlock Cycle 1
Unlock Cycle 2
Yes
Yes
Yes
Yes
Yes
No
No
No
No
Last Sector
Selected?
Done?
DQ5 = 1?
Command Cycle 1
Command Cycle 2
Command Cycle 3
Specify first sector for erasure
Error condition (Exceeded Timing Limits)
Status may be obtained by reading DQ7, DQ6 and/or DQ2.
Poll DQ3.
DQ3 = 1?
• Each additional cycle must be written within tSEA timeout
• The host system may monitor DQ3 or wait tSEA to ensure
acceptance of erase commands
• No limit on number of sectors
• Commands other than Erase Suspend or selecting additional
sectors for erasure during timeout reset device to reading array
data
(see Figure 7.4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com