Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GP10FFIR12 Datasheet(PDF) 35 Page - SPANSION

Part # S29GL01GP10FFIR12
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP10FFIR12 Datasheet(HTML) 35 Page - SPANSION

Back Button S29GL01GP10FFIR12 Datasheet HTML 31Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 32Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 33Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 34Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 35Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 36Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 37Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 38Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 39Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 77 page
background image
November 8, 2007 S29GL-P_00_A7
S29GL-P MirrorBit® Flash Family
35
Da ta
Shee t
(Prelim i nar y )
7.7.7
Accelerated Program
Accelerated single word programming and write buffer programming operations are enabled through the
WP#/ACC pin. This method is faster than the standard program command sequences.
Note
The accelerated program functions must not be used more than 10 times per sector.
If the system asserts VHH on this input, the device automatically enters the aforementioned Unlock Bypass
mode and uses the higher voltage on the input to reduce the time required for program operations. The
system can then use the Write Buffer Load command sequence provided by the Unlock Bypass mode. Note
that if a “Write-to-Buffer-Abort Reset” is required while in Unlock Bypass mode, the full 3-cycle RESET
command sequence must be used to reset the device. Removing VHH from the ACC input, upon completion
of the embedded program operation, returns the device to normal operation.
Sectors must be unlocked prior to raising WP#/ACC to VHH.
The WP#/ACC pin must not be at VHH for operations other than accelerated programming, or device
damage may result.
It is recommended that WP#/ACC apply VHH after power-up sequence is completed. In addition, it is
recommended that WP#/ACC apply from VHH to VIH/VIL before powering down VCC/VIO.
7.7.8
Unlock Bypass
This device features an Unlock Bypass mode to facilitate shorter programming commands. Once the device
enters the Unlock Bypass mode, only two write cycles are required to program data, instead of the normal
four cycles.
This mode dispenses with the initial two unlock cycles required in the standard program command sequence,
resulting in faster total programming time. The Command Definitions on page 67 shows the requirements for
the unlock bypass command sequences.
During the unlock bypass mode, only the Read, Program, Write Buffer Programming, Write-to-Buffer-Abort
Reset, and Unlock Bypass Reset commands are valid. To exit the unlock bypass mode, the system must
issue the two-cycle unlock bypass reset command sequence. The first cycle must contain the sector address
and the data 90h. The second cycle need only contain the data 00h. The sector then returns to the read
mode.
Software Functions and Sample Code
The following are C source code examples of using the unlock bypass entry, program, and exit functions.
Refer to the Spansion Low Level Driver User’s Guide (available soon on www.spansion.com) for general
information on Spansion Flash memory software development guidelines.
/* Example: Unlock Bypass Entry Command
*/
*( (UINT16 *)base_addr + 0x555 ) = 0x00AA;
/* write unlock cycle 1
*/
*( (UINT16 *)base_addr + 0x2AA ) = 0x0055;
/* write unlock cycle 2
*/
*( (UINT16 *)base_addr + 0x555 ) = 0x0020;
/* write unlock bypass command
*/
/* At this point, programming only takes two write cycles.
*/
/* Once you enter Unlock Bypass Mode, do a series of like
*/
/* operations (programming or sector erase) and then exit
*/
/* Unlock Bypass Mode before beginning a different type of
*/
/* operations.
*/
Table 7.14 Unlock Bypass Entry
(LLD Function = lld_UnlockBypassEntryCmd)
Cycle
Description
Operation
Word Address
Data
1
Unlock
Write
Base + 555h
00AAh
2
Unlock
Write
Base + 2AAh
0055h
3
Entry Command
Write
Base + 555h
0020h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com