Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GP10FFIR12 Datasheet(PDF) 56 Page - SPANSION

Part # S29GL01GP10FFIR12
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP10FFIR12 Datasheet(HTML) 56 Page - SPANSION

Back Button S29GL01GP10FFIR12 Datasheet HTML 52Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 53Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 54Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 55Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 56Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 57Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 58Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 59Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 60Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 77 page
background image
56
S29GL-P MirrorBit® Flash Family
S29GL-P_00_A7 November 8, 2007
Data
Sheet
(Pre limin ar y)
11.7
AC Characteristics
11.7.1
S29GL-P Read-Only Operations
Notes
1. CE#, OE# = VIL
2. OE# = VIL
3. Not 100% tested.
4. See Figure 11.3 and Table 11.1 for test specifications.
5. Unless otherwise indicated, AC specifications for 110 ns speed options are tested with VIO = VCC = 2.7 V. AC specifications for 110 ns speed options are tested
with VIO = 1.8 V and VCC = 3.0 V.
Table 11.3 S29GL-P Read-Only Operations
Parameter
Description
(Notes)
Test Setup
Speed Options
JEDEC
Std.
90
100
110
120
130
Unit
tAVAV
tRC
Read Cycle Time
VIO = VCC = 2.7 V
Min
–
100
110
120
–
ns
VIO = 1.65 V to VCC,
VCC = 3 V
–
–
110
120
130
VIO = VCC = 3.0 V
90
100
110
–
–
tAVQV
tACC
Address to Output Delay (1)
VIO = VCC = 2.7 V
Max
–
100
110
120
–
ns
VIO = 1.65 V to VCC,
VCC = 3 V
–
–
110
120
130
VIO = VCC = 3.0 V
90
100
110
–
–
tELQV
tCE
Chip Enable to Output Delay (2)
VIO = VCC = 2.7 V
Max
–
100
110
120
–
ns
VIO = 1.65 V to VCC,
VCC = 3 V
–
–
110
120
130
VIO = VCC = 3.0 V
90
100
110
–
–
tPACC
Page Access Time
Max
25
ns
tGLQV
tOE
Output Enable to Output Delay
Max
25
ns
tEHQZ
tDF
Chip Enable to Output High Z (3)
Max
20
ns
tGHQZ
tDF
Output Enable to Output High Z (3)
Max
20
ns
tAXQX
tOH
Output Hold Time From Addresses, CE# or
OE#, Whichever Occurs First
Min
0
ns
tOEH
Output Enable Hold Time
(3)
Read
Min
0
ns
Toggle and
Data# Polling
Min
10
ns
tCEH
Chip Enable Hold Time
Read
Min
35
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com