Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GP10FFIR12 Datasheet(PDF) 29 Page - SPANSION

Part # S29GL01GP10FFIR12
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP10FFIR12 Datasheet(HTML) 29 Page - SPANSION

Back Button S29GL01GP10FFIR12 Datasheet HTML 25Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 26Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 27Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 28Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 29Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 30Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 31Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 32Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 33Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
November 8, 2007 S29GL-P_00_A7
S29GL-P MirrorBit® Flash Family
29
Da ta
Shee t
(Prelim i nar y )
Figure 7.2 Write Buffer Programming Operation
Write Unlock Cycles:
Address 555h, Data AAh
Address 2AAh, Data 55h
Issue
Write Buffer Load Command:
Address SA, Data 25h
Load Word Count to Program
Program Data to Address:
SA, wc
Unlock Cycle 1
Unlock Cycle 2
wc = number of words – 1
Yes
Yes
Yes
Yes
Yes
No
No
No
No
No
wc = 0?
Write Buffer
Abort Desired?
Write Buffer
Abort?
Polling Status
= Done?
Error?
FAIL. Issue reset command
to return to read array mode.
Write to a Different
Sector Address to Cause
Write Buffer Abort
PASS. Device is in
read mode.
Confirm command:
SA = 0x29h
Perform Polling Algorithm
(see Write Operation Status
flowchart)
Write Next Word,
Decrement wc:
wc = wc – 1
RESET. Issue Write Buffer
Abort Reset Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com