Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GP10FFIR12 Datasheet(PDF) 68 Page - SPANSION

Part # S29GL01GP10FFIR12
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP10FFIR12 Datasheet(HTML) 68 Page - SPANSION

Back Button S29GL01GP10FFIR12 Datasheet HTML 64Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 65Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 66Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 67Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 68Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 69Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 70Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 71Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 72Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 77 page
background image
68
S29GL-P MirrorBit® Flash Family
S29GL-P_00_A7 November 8, 2007
Data
Sheet
(Pre limin ar y)
Table 12.1 S29GL-P Memory Array Command Definitions, x16
Command (Notes)
Bus Cycles (Notes 1–5)
First
Second
Third
Fourth
Fifth
Sixth
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read (6)
1RA
RD
Reset (7)
1
XXX
F0
Manufacturer ID
4
555
AA
2AA
55
555
90
X00
01
Device ID (8)
4
555
AA
2AA
55
555
90
X01
227E
X0E
(8)
X0F
(8)
Sector Protect Verify (10)
4
555
AA
2AA
55
555
90
[SA]X02
(10)
Secure Device Verify (11)
4
555
AA
2AA
55
555
90
X03
(11)
CFI Query (12)
155
98
Program
4
555
AA
2AA
55
555
A0
PA
PD
Write to Buffer
3
555
AA
2AA
55
SA
25
SA
WC
WBL
PD
WBL
PD
Program Buffer to Flash (Confirm)
1
SA
29
Write-to-Buffer-Abort Reset (13)
3
555
AA
2AA
55
555
F0
Enter
3
555
AA
2AA
55
555
20
Program (14)
2
XXX
A0
PA
PD
Sector Erase (14)
2
XXX
80
SA
30
Chip Erase (14)
2
XXX
80
XXX
10
Reset (15)
2
XXX
90
XXX
00
Chip Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
555
10
Sector Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
SA
30
Erase Suspend/Program Suspend (16)
1
XXX
B0
Erase Resume/Program Resume (17)
1
XXX
30
Secured Silicon Sector Entry
3
555
AA
2AA
55
555
88
Secured Silicon Sector Exit (18)
4
555
AA
2AA
55
555
90
XX
00
Legend
X = Don’t care
RA = Address of the memory to be read.
RD = Data read from location RA during read operation.
PA = Address of the memory location to be programmed. Addresses latch on
the falling edge of the WE# or CE# pulse, whichever happens later.
PD = Data to be programmed at location PA. Data latches on the rising edge
of the WE# or CE# pulse, whichever happens first.
SA = Address of the sector to be verified (in autoselect mode) or erased.
Address bits Amax–A16 uniquely select any sector.
WBL = Write Buffer Location. The address must be within the same write
buffer page as PA.
WC = Word Count is the number of write buffer locations to load minus 1.
Notes
1. See Table 7.1 on page 19 for description of bus operations.
2. All values are in hexadecimal.
3. All bus cycles are write cycles unless otherwise noted.
4. Data bits DQ15-DQ8 are don’t cares for unlock and command cycles.
5. Address bits AMAX:A16 are don’t cares for unlock and command cycles,
unless SA or PA required. (AMAX is the Highest Address pin.).
6. No unlock or command cycles required when reading array data.
7. The Reset command is required to return to reading array data when
device is in the autoselect mode, or if DQ5 goes high (while the device is
providing status data).
8. See Table 7.2 on page 22 for device ID values and definitions.
9. The fourth, fifth, and sixth cycles of the autoselect command sequence are
read cycles.
10. The data is 00h for an unprotected sector and 01h for a protected sector.
See Autoselect on page 21 for more information. This is same as PPB
Status Read except that the protect and unprotect statuses are inverted
here.
11. The data value for DQ7 is “1” for a serialized, protected Secured Silicon
Sector region and “0” for an unserialized, unprotected region. See
Table 7.3 on page 22 for data and definitions.
12. Command is valid when device is ready to read array data or when device
is in autoselect mode.
13. Command sequence returns device to reading array after being placed in
a Write-to-Buffer-Abort state. Full command sequence is required if
resetting out of abort while in Unlock Bypass mode.
14. The Unlock-Bypass command is required prior to the Unlock-Bypass-
Program command.
15. The Unlock-Bypass-Reset command is required to return to reading array
data when the device is in the unlock bypass mode.
16. The system can read and program/program suspend in non-erasing
sectors, or enter the autoselect mode, when in the Erase Suspend mode.
The Erase Suspend command is valid only during a sector erase
operation.
17. The Erase Resume/Program Resume command is valid only during the
Erase Suspend/Program Suspend modes.
18. The Exit command returns the device to reading the array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com