Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GP10FFIR12 Datasheet(PDF) 32 Page - SPANSION

Part # S29GL01GP10FFIR12
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP10FFIR12 Datasheet(HTML) 32 Page - SPANSION

Back Button S29GL01GP10FFIR12 Datasheet HTML 28Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 29Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 30Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 31Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 32Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 33Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 34Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 35Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 36Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
32
S29GL-P MirrorBit® Flash Family
S29GL-P_00_A7 November 8, 2007
Data
Sheet
(Pre limin ar y)
7.7.4
Chip Erase Command Sequence
Chip erase is a six-bus cycle operation as indicated by Table 12.1 on page 68. These commands invoke the
Embedded Erase algorithm, which does not require the system to preprogram prior to erase. The Embedded
Erase algorithm automatically preprograms and verifies the entire memory to an all zero data pattern prior to
electrical erase. After a successful chip erase, all locations of the chip contain FFFFh. The system is not
required to provide any controls or timings during these operations. The Command Definitions on page 67
shows the address and data requirements for the chip erase command sequence.
When the Embedded Erase algorithm is complete, that sector returns to the read mode and addresses are no
longer latched. The system can determine the status of the erase operation by using DQ7 or DQ6/DQ2. Refer
to “Write Operation Status” for information on these status bits.
The Unlock Bypass feature allows the host system to send program commands to the Flash device without
first writing unlock cycles within the command sequence. See Section 7.7.8 for details on the Unlock Bypass
function.
Any commands written during the chip erase operation are ignored. However, note that a hardware reset
immediately terminates the erase operation. If that occurs, the chip erase command sequence should be
reinitiated once that sector has returned to reading array data, to ensure the entire array is properly erased.
Software Functions and Sample Code
The following is a C source code example of using the chip erase function. Refer to the Spansion Low Level
Driver User’s Guide (available on www.spansion.com) for general information on Spansion Flash memory
software development guidelines.
/* Example: Chip Erase Command */
/* Note: Cannot be suspended
*/
*( (UINT16 *)base_addr + 0x555 ) = 0x00AA;
/* write unlock cycle 1
*/
*( (UINT16 *)base_addr + 0x2AA ) = 0x0055;
/* write unlock cycle 2
*/
*( (UINT16 *)base_addr + 0x555 ) = 0x0080;
/* write setup command
*/
*( (UINT16 *)base_addr + 0x555 ) = 0x00AA;
/* write additional unlock cycle 1 */
*( (UINT16 *)base_addr + 0x2AA ) = 0x0055;
/* write additional unlock cycle 2 */
*( (UINT16 *)base_addr + 0x000 ) = 0x0010;
/* write chip erase command
*/
Table 7.9 Chip Erase
(LLD Function = lld_ChipEraseCmd)
Cycle
Description
Operation
Byte Address
Word Address
Data
1
Unlock
Write
Base + AAAh
Base + 555h
00AAh
2
Unlock
Write
Base + 555h
Base + 2AAh
0055h
3
Setup Command
Write
Base + AAAh
Base + 555h
0080h
4
Unlock
Write
Base + AAAh
Base + 555h
00AAh
5
Unlock
Write
Base + 555h
Base + 2AAh
0055h
6
Chip Erase Command
Write
Base + AAAh
Base + 555h
0010h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com