Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GP10FFIR12 Datasheet(PDF) 75 Page - SPANSION

Part # S29GL01GP10FFIR12
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP10FFIR12 Datasheet(HTML) 75 Page - SPANSION

Back Button S29GL01GP10FFIR12 Datasheet HTML 69Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 70Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 71Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 72Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 73Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 74Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 75Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 76Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 77Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 75 / 77 page
background image
November 8, 2007 S29GL-P_00_A7
S29GL-P MirrorBit® Flash Family
75
Da ta
Shee t
(Prelim i nar y )
13. Advance Information on S29GL-R 65 nm MirrorBit Hardware
Reset (RESET#) and Power-up Sequence
Note
CE#, OE# and WE# must be at logic high during Reset Time.
Figure 13.1 Reset Timings
Note
The sum of tRP and tRH must be equal to or greater than tRPH.
Notes
1. VIO < VCC + 200 mV.
2. VIO and VCC ramp must be in sync during power-up. If RESET# is not stable for 500 µs, the following conditions may occur: the device
does not permit any read and write operations, valid read operations return FFh, and a hardware reset is required.
3. Maximum VCC power up current is 20 mA (RESET# =VIL).
Figure 13.2 Power-On Reset Timings
Note
The sum of tRP and tRH must be equal to or greater than tRPH.
Table 13.1 Hardware Reset (RESET#)
Parameter
Description
Limit
Time
Unit
tRPH
RESET# Low to CE# Low
Min
35
µs
tRP
RESET# Pulse Width
Min
200
ns
tRH
Time between RESET# (high) and CE# (low)
Min
200
ns
Table 13.2 Power-Up Sequence Timings
Parameter
Description
Limit
Time
Unit
tVCS
VCC Setup Time to first access
Min
300
µs
tVIOS
VIO Setup Time to first access
Min
300
µs
tRPH
RESET# Low to CE# Low
Min
35
µs
tRP
RESET# Pulse Width
Min
200
ns
tRH
Time between RESET# (high) and CE# (low)
Min
200
ns
tRPH
CE#
RESET#
tRP
tRH
CE#
VCC
V IO
RESET#
t VIOS
t VCS
t RP
t RH
t RPH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com