Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GP10FFIR12 Datasheet(PDF) 47 Page - SPANSION

Part # S29GL01GP10FFIR12
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP10FFIR12 Datasheet(HTML) 47 Page - SPANSION

Back Button S29GL01GP10FFIR12 Datasheet HTML 43Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 44Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 45Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 46Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 47Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 48Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 49Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 50Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 51Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 77 page
background image
November 8, 2007 S29GL-P_00_A7
S29GL-P MirrorBit® Flash Family
47
Da ta
Shee t
(Prelim i nar y )
Figure 8.3 Lock Register Program Algorithm
Write Unlock Cycles:
Address 555h, Data AAh
Address 2AAh, Data 55h
Write
Enter Lock Register Command:
Address 555h, Data 40h
Program Lock Register Data
Address XXXh, Data A0h
Address XXXh*, Data PD
Unlock Cycle 1
Unlock Cycle 2
XXXh = Address don’t care
Program Data (PD): See text for Lock Register definitions
Caution: Lock register can only be progammed once.
PASS. Write Lock Register
Exit Command:
Address XXXh, Data 90h
Address XXXh, Data 00h
Device returns to reading array.
Perform Polling Algorithm
(see Write Operation Status
flowchart)
Yes
Yes
No
No
Done?
DQ5 = 1?
Error condition (Exceeded Timing Limits)
FAIL. Write rest command
to return to reading array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com