Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GP10FFIR12 Datasheet(PDF) 22 Page - SPANSION

Part # S29GL01GP10FFIR12
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP10FFIR12 Datasheet(HTML) 22 Page - SPANSION

Back Button S29GL01GP10FFIR12 Datasheet HTML 18Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 19Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 20Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 21Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 22Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 23Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 24Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 25Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 26Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 77 page
background image
22
S29GL-P MirrorBit® Flash Family
S29GL-P_00_A7 November 8, 2007
Data
Sheet
(Pre limin ar y)
Legend
L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care. VID = 11.5V to 12.5V
Table 7.2 Autoselect Codes, (High Voltage Method)
Description
CE#
OE# WE#
Amax
to
A16
A14
to
A10
A9
A8
to
A7
A6
A5
to
A4
A3
to
A2
A1
A0
DQ8 to DQ15
DQ7 to DQ0
BYTE#
= VIH
BYTE#
= VIL
Manufacturer ID:
Spansion Product
LL
H
X
X
VID
XL
XL
L
L
00
X
01h
Cycle 1
LL
H
X
X
VID
XL
X
LL
H
22
X
7Eh
Cycle 2
H
H
L
22
X
28h
Cycle 3
H
H
H
22
X
01h
Cycle 1
LL
H
X
X
VID
XL
X
LL
H
22
X
7Eh
Cycle 2
H
H
L
22
X
23h
Cycle 3
H
H
H
22
X
01h
Cycle 1
LL
H
X
X
VID
XL
X
LL
H
22
X
7Eh
Cycle 2
H
H
L
22
X
22h
Cycle 3
H
H
H
22
X
01h
Cycle 1
LL
H
X
X
VID
XL
X
LL
H
22
X
7Eh
Cycle 2
H
H
L
22
X
21h
Cycle 3
H
H
H
22
X
01h
Sector Group
Protection Verification
LL
HSA
X
VID
XL
XL
H
L
X
X
01h (protected),
00h (unprotected)
Secured Silicon Sector
Indicator Bit (DQ7),
WP# protects highest
address sector
LL
H
X
X
VID
XL
XL
H
H
X
X
99h (factory locked),
19h (not factory
locked)
Secured Silicon Sector
Indicator Bit (DQ7),
WP# protects lowest
address sector
LL
H
X
X
VID
XL
XL
H
H
X
X
89h (factory locked),
09h (not factory
locked)
Table 7.3 Autoselect Addresses in System
Description
Address
Read Data (word/byte mode)
Manufacturer ID
(Base) + 00h
xx01h/1h
Device ID, Word 1
(Base) + 01h
227Eh/7Eh
Device ID, Word 2
(Base) + 0Eh
2228h/28h (GL01GP)
2223h/23h (GL512P)
2222h/22h (GL256P)
2221h/21h (GL128P)
Device ID, Word 3
(Base) + 0Fh
2201h/01h
Secure Device Verify
(Base) + 03h
For S29GLxxxPH: XX19h/19h = Not Factory Locked. XX99h/99h = Factory Locked.
For S29GLxxxPL: XX09h/09h = Not Factory Locked. XX89h/89h = Factory Locked.
Sector Protect Verify
(SA) + 02h
xx01h/01h = Locked, xx00h/00h = Unlocked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com