Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GP10FFIR12 Datasheet(PDF) 50 Page - SPANSION

Part # S29GL01GP10FFIR12
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP10FFIR12 Datasheet(HTML) 50 Page - SPANSION

Back Button S29GL01GP10FFIR12 Datasheet HTML 46Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 47Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 48Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 49Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 50Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 51Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 52Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 53Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 54Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 77 page
background image
50
S29GL-P MirrorBit® Flash Family
S29GL-P_00_A7 November 8, 2007
Data
Sheet
(Pre limin ar y)
10. Secured Silicon Sector Flash Memory Region
The Secured Silicon Sector provides an extra Flash memory region that enables permanent part identification
through an Electronic Serial Number (ESN). The Secured Silicon Sector is 128 words in length and all
Secured Silicon reads outside of the 128-word address range returns invalid data. The Secured Silicon
Sector Indicator Bit, DQ7, (at Autoselect address 03h) is used to indicate whether or not the Secured Silicon
Sector is locked when shipped from the factory.
Please note the following general conditions:
On power-up, or following a hardware reset, the device reverts to sending commands to the normal
address space.
Reads outside of sector SA0 return memory array data.
Sector SA0 is remapped from memory array to Secured Silicon Sector array.
Once the Secured Silicon Sector Entry Command is issued, the Secured Silicon Sector Exit command
must be issued to exit Secured Silicon Sector Mode.
The Secured Silicon Sector is not accessible when the device is executing an Embedded Program or
Embedded Erase algorithm.
The ACC function and unlock bypass modes are not available when the Secured Silicon Sector is enabled.
10.1
Factory Locked Secured Silicon Sector
The Factory Locked Secured Silicon Sector is always protected when shipped from the factory and has the
Secured Silicon Sector Indicator Bit (DQ7) permanently set to a “1”. This prevents cloning of a factory locked
part and ensures the security of the ESN and customer code once the product is shipped to the field.
These devices are available pre-programmed with one of the following:
A random, 8 Word secure ESN only within the Secured Silicon Sector (at addresses 000000H - 000007H)
Both a random, secure ESN and customer code through the Spansion programming service.
Customers may opt to have their code programmed through the Spansion programming services. Spansion
programs the customer's code, with or without the random ESN. The devices are then shipped from the
Spansion factory with the Secured Silicon Sector permanently locked. Contact your local representative for
details on using Spansion programming services.
10.2
Customer Lockable Secured Silicon Sector
The Customer Lockable Secured Silicon Sector is always shipped unprotected (DQ7 set to “0”), allowing
customers to utilize that sector in any manner they choose. If the security feature is not required, the Secured
Silicon Sector can be treated as an additional Flash memory space.
Please note the following:
Once the Secured Silicon Sector area is protected, the Secured Silicon Sector Indicator Bit is permanently
set to “0.”
The Secured Silicon Sector can be read any number of times, but can be programmed and locked only
once. The Secured Silicon Sector lock must be used with caution as once locked, there is no procedure
available for unlocking the Secured Silicon Sector area and none of the bits in the Secured Silicon Sector
memory space can be modified in any way.
The accelerated programming (ACC) and unlock bypass functions are not available when the Secured
Silicon Sector is enabled.
Table 10.1 Secured Silicon Sector Addresses
Secured Silicon Sector
Address Range
Customer Lockable
ESN Factory Locked
ExpressFlash Factory Locked
000000h–000007h
Determined by
customer
ESN
ESN or determined by customer
000008h–00007Fh
Unavailable
Determined by customer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com