Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GP10FFIR12 Datasheet(PDF) 36 Page - SPANSION

Part # S29GL01GP10FFIR12
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP10FFIR12 Datasheet(HTML) 36 Page - SPANSION

Back Button S29GL01GP10FFIR12 Datasheet HTML 32Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 33Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 34Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 35Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 36Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 37Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 38Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 39Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 40Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 77 page
background image
36
S29GL-P MirrorBit® Flash Family
S29GL-P_00_A7 November 8, 2007
Data
Sheet
(Pre limin ar y)
/* Example: Unlock Bypass Program Command
*/
/* Do while in Unlock Bypass Entry Mode!
*/
*( (UINT16 *)base_addr ) = 0x00A0;
/* write program setup command
*/
*( (UINT16 *)pa )
= data;
/* write data to be programmed
*/
/* Poll until done or error.
*/
/* If done and more to program, */
/* do above two cycles again.
*/
/* Example: Unlock Bypass Exit Command */
*( (UINT16 *)base_addr ) = 0x0090;
*( (UINT16 *)base_addr ) = 0x0000;
7.8
Write Operation Status
The device provides several bits to determine the status of a program or erase operation. The following
subsections describe the function of DQ1, DQ2, DQ3, DQ5, DQ6, and DQ7.
7.8.1
DQ7: Data# Polling
The Data# Polling bit, DQ7, indicates to the host system whether an Embedded Program or Erase algorithm
is in progress or completed, or whether the device is in Erase Suspend. Data# Polling is valid after the rising
edge of the final WE# pulse in the command sequence. Note that the Data# Polling is valid only for the last
word being programmed in the write-buffer-page during Write Buffer Programming. Reading Data# Polling
status on any word other than the last word to be programmed in the write-buffer-page returns false status
information.
During the Embedded Program algorithm, the device outputs on DQ7 the complement of the datum
programmed to DQ7. This DQ7 status also applies to programming during Erase Suspend. When the
Embedded Program algorithm is complete, the device outputs the datum programmed to DQ7. The system
must provide the program address to read valid status information on DQ7. If a program address falls within a
protected sector, Data# polling on DQ7 is active, then that sector returns to the read mode.
During the Embedded Erase Algorithm, Data# polling produces a “0” on DQ7. When the Embedded Erase
algorithm is complete, or if the device enters the Erase Suspend mode, Data# Polling produces a “1” on DQ7.
The system must provide an address within any of the sectors selected for erasure to read valid status
information on DQ7.
After an erase command sequence is written, if all sectors selected for erasing are protected, Data# Polling
on DQ7 is active for approximately 100 µs, then the device returns to the read mode. If not all selected
sectors are protected, the Embedded Erase algorithm erases the unprotected sectors, and ignores the
selected sectors that are protected. However, if the system reads DQ7 at an address within a protected
sector, the status may not be valid.
Just prior to the completion of an Embedded Program or Erase operation, DQ7 may change asynchronously
with DQ6-DQ0 while Output Enable (OE#) is asserted low. That is, the device may change from providing
status information to valid data on DQ7. Depending on when the system samples the DQ7 output, it may read
Table 7.15 Unlock Bypass Program
(LLD Function = lld_UnlockBypassProgramCmd)
Cycle
Description
Operation
Word Address
Data
1
Program Setup Command
Write
Base +xxxh
00A0h
2
Program Command
Write
Program Address
Program Data
Table 7.16 Unlock Bypass Reset
(LLD Function = lld_UnlockBypassResetCmd)
Cycle
Description
Operation
Word Address
Data
1
Reset Cycle 1
Write
Base +xxxh
0090h
2
Reset Cycle 2
Write
Base +xxxh
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com