Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GP10FFIR12 Datasheet(PDF) 37 Page - SPANSION

Part # S29GL01GP10FFIR12
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP10FFIR12 Datasheet(HTML) 37 Page - SPANSION

Back Button S29GL01GP10FFIR12 Datasheet HTML 33Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 34Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 35Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 36Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 37Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 38Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 39Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 40Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 41Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 77 page
background image
November 8, 2007 S29GL-P_00_A7
S29GL-P MirrorBit® Flash Family
37
Da ta
Shee t
(Prelim i nar y )
the status or valid data. Even if the device has completed the program or erase operation and DQ7 has valid
data, the data outputs on DQ6-DQ0 may be still invalid. Valid data on DQ7-D00 appears on successive read
cycles.
See the following for more information: Table 7.17, shows the outputs for Data# Polling on DQ7. Figure 7.4,
shows the Data# Polling algorithm; and Figure 11.7, shows the Data# Polling timing diagram.
Figure 7.4 Write Operation Status Flowchart
START
Read 1
DQ7=valid
data?
YES
NO
Read 1
DQ5=1?
YES
NO
Write Buffer
Programming?
YES
NO
Device BUSY,
Re-Poll
Read1
DQ1=1?
YES
NO
Read 2
Read 3
Read 2
Read 3
Read 2
Read 3
Read3 DQ1=1
AND DQ7 ?
Valid Data?
YES
NO
(Note 4)
Write Buffer
Operation Failed
DQ6
toggling?
YES
NO
TIMEOUT
(Note 1)
(Note 3)
Programming
Operation?
DQ6
toggling?
YES
NO
YES
NO
DQ2
toggling?
YES
NO
Erase
Operation
Complete
Device in
Erase/Suspend
Mode
Program
Operation
Failed
DEVICE
ERROR
Program
Operation
Complete
Read3= valid
data?
YES
NO
Notes:
1) DQ6 is toggling if Read2 DQ6 does not equal Read3 DQ6.
2) DQ2 is toggling if Read2 DQ2 does not equal Read3 DQ2.
3) May be due to an attempt to program a 0 to 1. Use the RESET
command to exit operation.
4) Write buffer error if DQ1 of last read =1.
5) Invalid state, use RESET command to exit operation.
6) Valid data is the data that is intended to be programmed or all 1's for
an erase operation.
7) Data polling algorithm valid for all operations except advanced sector
protection.
Device BUSY,
Re-Poll
Device BUSY,
Re-Poll
Device BUSY,
Re-Poll
(Note 1)
(Note 2)
(Note 6)
(Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com