Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GP10FFIR12 Datasheet(PDF) 23 Page - SPANSION

Part # S29GL01GP10FFIR12
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP10FFIR12 Datasheet(HTML) 23 Page - SPANSION

Back Button S29GL01GP10FFIR12 Datasheet HTML 19Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 20Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 21Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 22Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 23Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 24Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 25Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 26Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 27Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 77 page
background image
November 8, 2007 S29GL-P_00_A7
S29GL-P MirrorBit® Flash Family
23
Da ta
Shee t
(Prelim i nar y )
Software Functions and Sample Code
Note
1. Any offset within the device works.
2. base = base address.
The following is a C source code example of using the autoselect function to read the manufacturer ID. Refer
to the Spansion Low Level Driver User’s Guide (available on www.spansion.com) for general information on
Spansion Flash memory software development guidelines.
/* Here is an example of Autoselect mode (getting manufacturer ID) */
/* Define UINT16 example: typedef unsigned short UINT16; */
UINT16 manuf_id;
/* Auto Select Entry */
*( (UINT16 *)base_addr + 0x555 ) = 0x00AA; /* write unlock cycle 1 */
*( (UINT16 *)base_addr + 0x2AA ) = 0x0055; /* write unlock cycle 2 */
*( (UINT16 *)base_addr + 0x555 ) = 0x0090; /* write autoselect command */
/* multiple reads can be performed after entry */
manuf_id = *( (UINT16 *)base_addr + 0x000 ); /* read manuf. id */
/*
Autoselect exit */
*( (UINT16 *)base_addr + 0x000 ) = 0x00F0; /* exit autoselect (write reset command) */
Table 7.4 Autoselect Entry in System
(LLD Function = lld_AutoselectEntryCmd)
Cycle
Operation
Byte Address
Word Address
Data
Unlock Cycle 1
Write
Base + AAAh
Base + 555h
0x00AAh
Unlock Cycle 2
Write
Base + 555h
Base + 2AAh
0x0055h
Autoselect Command
Write
Base + AAAh
Base + 555h
0x0090h
Table 7.5 Autoselect Exit
(LLD Function = lld_AutoselectExitCmd)
Cycle
Operation
Byte Address
Word Address
Data
Unlock Cycle 1
Write
base + XXXh
base + XXXh
0x00F0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com