Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GP10FFIR12 Datasheet(PDF) 51 Page - SPANSION

Part # S29GL01GP10FFIR12
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP10FFIR12 Datasheet(HTML) 51 Page - SPANSION

Back Button S29GL01GP10FFIR12 Datasheet HTML 47Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 48Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 49Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 50Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 51Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 52Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 53Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 54Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 55Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 77 page
background image
November 8, 2007 S29GL-P_00_A7
S29GL-P MirrorBit® Flash Family
51
Da ta
Shee t
(Prelim i nar y )
Once the Secured Silicon Sector is locked and verified, the system must write the Exit Secured Silicon
Sector Region command sequence which return the device to the memory array at sector 0.
10.3
Secured Silicon Sector Entry/Exit Command Sequences
The system can access the Secured Silicon Sector region by issuing the three-cycle Enter Secured Silicon
Sector command sequence. The device continues to access the Secured Silicon Sector region until the
system issues the four-cycle Exit Secured Silicon Sector command sequence.
See Command Definitions on page 67 [Secured Silicon Sector Command Table, Appendix
Table 12.1 on page 68 through Table 12.4 on page 71 for address and data requirements for both command
sequences.
The Secured Silicon Sector Entry Command allows the following commands to be executed
Read customer and factory Secured Silicon areas
Program the customer Secured Silicon Sector
After the system has written the Enter Secured Silicon Sector command sequence, it may read the Secured
Silicon Sector by using the addresses normally occupied by sector SA0 within the memory array. This mode
of operation continues until the system issues the Exit Secured Silicon Sector command sequence, or until
power is removed from the device.
Software Functions and Sample Code
The following are C functions and source code examples of using the Secured Silicon Sector Entry, Program,
and exit commands. Refer to the Spansion Low Level Driver User’s Guide (available soon on
www.spansion.com) for general information on Spansion Flash memory software development guidelines.
Note
Base = Base Address.
/* Example: SecSi Sector Entry Command */
*( (UINT16 *)base_addr + 0x555 ) = 0x00AA;
/* write unlock cycle 1
*/
*( (UINT16 *)base_addr + 0x2AA ) = 0x0055;
/* write unlock cycle 2
*/
*( (UINT16 *)base_addr + 0x555 ) = 0x0088;
/* write Secsi Sector Entry Cmd
*/
Note
Base = Base Address.
/* Once in the SecSi Sector mode, you program */
/* words using the programming algorithm.
*/
Table 10.2 Secured Silicon Sector Entry
(LLD Function = lld_SecSiSectorEntryCmd)
Cycle
Operation
Byte Address
Word Address
Data
Unlock Cycle 1
Write
Base + AAAh
Base + 555h
00AAh
Unlock Cycle 2
Write
Base + 555h
Base + 2AAh
0055h
Entry Cycle
Write
Base + AAAh
Base + 555h
0088h
Table 10.3 Secured Silicon Sector Program
(LLD Function = lld_ProgramCmd)
Cycle
Operation
Byte Address
Word Address
Data
Unlock Cycle 1
Write
Base + AAAh
Base + 555h
00AAh
Unlock Cycle 2
Write
Base + 555h
Base + 2AAh
0055h
Program Setup
Write
Base + AAAh
Base + 555h
00A0h
Program
Write
Word Address
Word Address
Data Word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com