Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GP10FFIR12 Datasheet(PDF) 43 Page - SPANSION

Part # S29GL01GP10FFIR12
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP10FFIR12 Datasheet(HTML) 43 Page - SPANSION

Back Button S29GL01GP10FFIR12 Datasheet HTML 39Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 40Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 41Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 42Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 43Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 44Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 45Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 46Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 47Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 77 page
background image
November 8, 2007 S29GL-P_00_A7
S29GL-P MirrorBit® Flash Family
43
Da ta
Shee t
(Prelim i nar y )
8.1
Lock Register
As shipped from the factory, all devices default to the persistent mode when power is applied, and all sectors
are unprotected, unless otherwise chosen through the DYB ordering option (see Ordering Information
on page 9). The device programmer or host system must then choose which sector protection method to use.
Programming (setting to “0”) any one of the following two one-time programmable, non-volatile bits locks the
part permanently in that mode:
Lock Register Persistent Protection Mode Lock Bit (DQ1)
Lock Register Password Protection Mode Lock Bit (DQ2)
For programming lock register bits refer to Table 12.2 on page 69 and Table 12.4 on page 71.
Notes
1. If the password mode is chosen, the password must be programmed before setting the
corresponding lock register bit.
2. After the Lock Register Bits Command Set Entry command sequence is written, reads and writes
for Sector 0 are disabled, while reads from other sectors are allowed until exiting this mode.
3. If both lock bits are selected to be programmed (to zeros) at the same time, the operation aborts.
4. Once the Password Mode Lock Bit is programmed, the Persistent Mode Lock Bit is permanently
disabled, and no changes to the protection scheme are allowed. Similarly, if the Persistent Mode
Lock Bit is programmed, the Password Mode is permanently disabled.
After selecting a sector protection method, each sector can operate in any of the following three states:
1. Constantly locked. The selected sectors are protected and can not be reprogrammed unless PPB
lock bit is cleared via a password, hardware reset, or power cycle.
2. Dynamically locked. The selected sectors are protected and can be altered via software
commands.
3. Unlocked. The sectors are unprotected and can be erased and/or programmed.
These states are controlled by the bit types described in Section 8.2–Section 8.5.
8.2
Persistent Protection Bits
The Persistent Protection Bits are unique and nonvolatile for each sector and have the same endurances as
the Flash memory. Preprogramming and verification prior to erasure are handled by the device, and therefore
do not require system monitoring.
Notes
1. Each PPB is individually programmed and all are erased in parallel.
2. While programming PPB for a sector, array data can be read from any other sector, except Sector
0 (used for Data# Polling) and the sector in which sector PPB is being programmed.
3. Entry command disables reads and writes for the sector selected.
4. Reads within that sector return the PPB status for that sector.
5. All Reads must be performed using the read mode.
6. The specific sector address (A25-A16 GL01GP, A24-A16 GL512P, A23-A16 GL256P, A22-A16
GL128P) are written at the same time as the program command.
7. If the PPB Lock Bit is set, the PPB Program or erase command does not execute and times-out
without programming or erasing the PPB.
Table 8.1 Lock Register
DQ15-3
DQ2
DQ1
DQ0
Don’t Care
Password Protection Mode
Lock Bit
Persistent Protection Mode
Lock Bit
Secured Silicon Sector
Protection Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com