Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GP10FFIR12 Datasheet(PDF) 48 Page - SPANSION

Part # S29GL01GP10FFIR12
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GP10FFIR12 Datasheet(HTML) 48 Page - SPANSION

Back Button S29GL01GP10FFIR12 Datasheet HTML 44Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 45Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 46Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 47Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 48Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 49Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 50Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 51Page - SPANSION S29GL01GP10FFIR12 Datasheet HTML 52Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 77 page
background image
48
S29GL-P MirrorBit® Flash Family
S29GL-P_00_A7 November 8, 2007
Data
Sheet
(Pre limin ar y)
8.5
Advanced Sector Protection Software Examples
Table 8.2 contains all possible combinations of the DYB, PPB, and PPB Lock Bit relating to the status of the
sector. In summary, if the PPB Lock Bit is locked (set to “0”), no changes to the PPBs are allowed. The PPB
Lock Bit can only be unlocked (reset to “1”) through a hardware reset or power cycle. See also Figure 8.1 for
an overview of the Advanced Sector Protection feature.
8.6
Hardware Data Protection Methods
The device offers two main types of data protection at the sector level via hardware control:
When WP#/ACC is at VIL, the either the highest or lowest sector is locked (device specific).
There are additional methods by which intended or accidental erasure of any sectors can be prevented via
hardware means. The following subsections describes these methods:
8.6.1
WP#/ACC Method
The Write Protect feature provides a hardware method of protecting one outermost sector. This function is
provided by the WP#/ACC pin and overrides the previously discussed Sector Protection/Unprotection
method.
If the system asserts VIL on the WP#/ACC pin, the device disables program and erase functions in the
highest or lowest sector independently of whether the sector was protected or unprotected using the method
described in Advanced Sector Protection/Unprotection on page 42.
If the system asserts VIH on the WP#/ACC pin, the device reverts to whether the boot sectors were last set to
be protected or unprotected. That is, sector protection or unprotection for these sectors depends on whether
they were last protected or unprotected.
The WP#/ACC pin must be held stable during a command sequence execution. WP# has an internal pull-up;
when unconnected, WP# is set at VIH.
Note
If WP#/ACC is at VIL when the device is in the standby mode, the maximum input load current is increased.
See Table 11.6 on page 55 for details.
8.6.2
Low VCC Write Inhibit
When VCC is less than VLKO, the device does not accept any write cycles. This protects data during VCC
power-up and power-down.
The command register and all internal program/erase circuits are disabled, and the device resets to reading
array data. Subsequent writes are ignored until VCC is greater than VLKO. The system must provide the
proper signals to the control inputs to prevent unintentional writes when VCC is greater than VLKO.
Table 8.2 Sector Protection Schemes: DYB, PPB and PPB Lock Bit Combinations
Unique Device PPB Lock Bit
0 = locked
1 = unlocked
Sector PPB
0 = protected
1 = unprotected
Sector DYB
0 = protected
1 = unprotected
Sector Protection Status
Any Sector
0
0
x
Protected through PPB
Any Sector
0
0
x
Protected through PPB
Any Sector
0
1
1
Unprotected
Any Sector
0
1
0
Protected through DYB
Any Sector
1
0
x
Protected through PPB
Any Sector
1
0
x
Protected through PPB
Any Sector
1
1
0
Protected through DYB
Any Sector
1
1
1
Unprotected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com