| Electronic Components Datasheet Search |
|
TMP89FS60 Datasheet(PDF) 38 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP89FS60 Datasheet(HTML) 38 Page - Toshiba Semiconductor |
|
38 / 410 page ![]() Page 24 2. CPU Core 2.3 System clock controller TMP89FS60 RA001 2.3.5.2 Dual-clock mode The gear clock (fcgck) and the low-frequency clock (fs) are used for the operation in the dual-clock mode. The main system clock (fm) is generated from the gear clock (fcgck) in the NORMAL2 or IDLE2 mode, and generated from the clock that is a quarter of the low-frequency clock (fs) in the SLOW1/2 or SLEEP0/1 mode. Therefore, the machine cycle time is 1/fcgck [s] in the NORMAL2 or IDLE2 mode and is 4/fs [s] in the SLOW1/2 or SLEEP0/1 mode. P03 (XTIN) and P04 (XTOUT) are used as the low-frequency clock oscillation circuit pins. (These pins cannot be used as I/O ports in the dual-clock mode.) The operation of the TLCS-870/C1 Series becomes the single-clock mode after reset release. To operate it in the dual-clock mode, allow the low-frequency clock to oscillate at the beginning of the program. (1) NORMAL2 mode In this mode, the CPU core operates using the gear clock (fcgck), and the peripheral circuits oper- ate using the gear clock (fcgck) or the clock that is a quarter of the low-frequency clock (fs). (2) SLOW2 mode In this mode, the CPU core and the peripheral circuits operate using the clock that is a quarter of the low-frequency clock (fs). In the SLOW mode, some peripheral circuits become the same as the states when a reset is released. For operations of the peripheral circuits in the SLOW mode, refer to the section of each peripheral circuit. Set SYSCR2<SYSCK> to switch the operation mode from NORMAL2 to SLOW2 or from SLOW2 to NORMAL2. In the SLOW2 mode, outputs of the prescaler and stages 1 to 8 of the divider stop. (3) SLOW1 mode In this mode, the high-frequency clock oscillation circuit stops operation and the CPU core and the peripheral circuits operate using the clock that is a quarter of the low-frequency clock (fs). This mode requires less power to operate the high-frequency clock oscillation circuit than in the SLOW2 mode. In the SLOW mode, some peripheral circuits become the same as the states when a reset is released. For operations of the peripheral circuits in the SLOW mode, refer to the section of each peripheral circuit. Set SYSCR2<XEN> to switch the operation between the SLOW1 and SLOW2 modes. In the SLOW1 or SLEEP1 mode, outputs of the prescaler and stages 1 to 8 of the divider stop. (4) IDLE2 mode In this mode, the CPU and the watchdog timer stop and the peripheral circuits operate using the gear clock (fcgck) or the clock that is a quarter of the low-frequency clock (fs). The IDLE2 mode can be activated and released in the same way as for the IDLE1 mode. The oper- ation returns to the NORMAL2 mode after this mode is released. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |