| Electronic Components Datasheet Search |
|
TMP89FS60 Datasheet(PDF) 23 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP89FS60 Datasheet(HTML) 23 Page - Toshiba Semiconductor |
|
23 / 410 page ![]() Page 9 TMP89FS60 RA001 2. CPU Core 2.1 Configuration The CPU core consists of a CPU, a system clock controller and a reset circuit. This chapter describes the CPU core address space, the system clock controller and the reset circuit. 2.2 Memory space The 870/C1 CPU memory space consists of a code area to be accessed as instruction operation codes and operands and a data area to be accessed as sources and destinations of transfer and calculation instructions. Both the code and data areas have independent 64-Kbyte address spaces. 2.2.1 Code area The code area stores operation codes, operands, vector tables for vector call instructions and interrupt vector tables. The RAM, the BOOTROM and the Flash are mapped in the code area. Note: Only the first 2 Kbytes of the BOOTROM are mapped in the memory map, except in the serial PROM mode. Figure 2-1 Memory Map in the Code Area 2.2.1.1 RAM The RAM is mapped in the data area immediately after reset release. 0x0000 SWI instruction (0xFF) is fetched. SWI instruction (0xFF) is fetched. SWI instruction (0xFF) is fetched. 0x003F 0x0040 RAM (3072 bytes) RAM (3072 bytes) 0x0C3F SWI instruction (0xFF) is fetched. SWI instruction (0xFF) is fetched. SWI instruction (0xFF) is fetched. 0x1000 Flash (61440 bytes) Flash (61440 bytes) BOOTROM (2048 bytes) BOOTROM (2048 bytes) 0x17FF 0x1800 Flash (59392 bytes) Flash (59392 bytes) 0xFFA0 Vector table for vec- tor call instructions (32 bytes) Vector table for vec- tor call instructions (32 bytes) Vector table for vec- tor call instructions (32 bytes) Vector table for vec- tor call instructions (32 bytes) 0xFFBF 0xFFC8 Interrupt vector table (56 bytes) Interrupt vector table (56 bytes) Interrupt vector table (56 bytes) Interrupt vector table (56 bytes) 0xFFFF Immediately after re- set release When the RAM is mapped in the code area When the BOOTROM is mapped in the code area When the RAM and the BOOTROM are mapped in the code area |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |