| Electronic Components Datasheet Search |
|
TMP89FS60 Datasheet(PDF) 304 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP89FS60 Datasheet(HTML) 304 Page - Toshiba Semiconductor |
|
304 / 410 page ![]() Page 290 19. Key-on Wakeup (KWU) 19.1 Configuration TMP89FS60 RA000 19.2 Control Key-on wakeup control registers (KWUCR0 and KWUCR1) can be configured to designate the key-on wakeup pins (KWI7 through KWI0) as STOP mode release pins and to specify the STOP mode release levels of each of these designated pins. Key-on wakeup control register 0 KWUCR0 76543 210 (0x0FC4) Bit Symbol KW3LE KW3EN KW2LE KW2EN KW1LE KW1EN KW0LE KW0EN Read/Write R/W R/W R/W R/W R/W R/W R/W R/W After reset 00000 000 KW3LE STOP mode release level of KWI3 pin 0: 1: Low level High level KW3EN Input enable/disable control of KWI3 pin 0: 1: Disable Enable KW2LE STOP mode release level of KWI2 pin 0: 1: Low level High level KW2EN Input enable/disable control of KWI2 pin 0: 1: Disable Enable KW1LE STOP mode release level of KWI1 0: 1: Low level High level KW1EN Input enable/disable control of KWI1 pin 0: 1: Disable Enable KW0LE STOP mode release level of KWI0 pin 0: 1: Low level High level KW0EN Input enable/disable control of KWI0 pin 0: 1: Disable Enable Key-on wakeup control register 1 KWUCR1 76543 210 (0x0FC5) Bit Symbol KW7LE KW7EN KW6LE KW6EN KW5LE KW5EN KW4LE KW4EN Read/Write R/W R/W R/W R/W R/W R/W R/W R/W After reset 00000 000 KW7LE STOP mode release level of KWI7 pin 0: 1: Low level High level KW7EN Input enable/disable control of KWI7 pin 0: 1: Disable Enable KW6LE STOP mode release level of KWI6 pin 0: 1: Low level High level KW6EN Input enable/disable control of KWI6 pin 0: 1: Disable Enable KW5LE STOP mode release level of KWI5 pin 0: 1: Low level High level KW5EN Input enable/disable control of KWI5 pin 0: 1: Disable Enable KW4LE STOP mode release level of KWI4 pin 0: 1: Low level High level KW4EN Input enable/disable control of KWI4 pin 0: 1: Disable Enable |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |