Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10366ASP Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # R5F10366ASP
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10366ASP Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button R5F10366ASP Datasheet HTML 104Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 105Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 106Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 107Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 108Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 109Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 110Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 111Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 114 page
background image
RL78/G12
4. PACKAGE DRAWINGS
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 108 of 109
INDEX AREA
(D/2 X E/2)
SEATING PLANE
EXPOSED
DIE PAD
JEITA Package Code
RENESAS Code
MASS(Typ.)[g]
P-HWQFN24-4×4-0.50
PWQN0024KH-A
0.04
Reference
Symbol
Dimension in Millimeters
Min.
Nom.
Max.
A
--
0.80
A1
0.00
-
0.05
A3
0.20 REF.
b
0.20
0.25
0.30
D
-
4.00
-
E
-
4.00
-
e
-
0.50
-
N24
L
0.30
0.40
0.50
K0.20
--
D2
2.50
2.60
2.70
E2
2.50
2.60
2.70
aaa
--
0.15
bbb
--
0.10
ccc
--
0.10
ddd
--
0.05
eee
--
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com