Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10366ASP Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # R5F10366ASP
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10366ASP Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button R5F10366ASP Datasheet HTML 106Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 107Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 108Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 109Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 110Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 111Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 112Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 113Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 114Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 112 / 114 page
background image
C - 3
Rev.
Date
Description
Page
Summary
2.30
Jun 19, 2020
3
Modification of Figure 1-1 Part Number, Memory Size, and Package of
RL78/G12
4
Modification of Table 1-1 List of Ordering Part Numbers
2.31
Mar 20, 2023
All
The module name for CSI was changed to Simplified SPI (CSI)
All
"wait" for IIC was modified to "clock stretch"
1
Addition of Note 1 in 1 Features
4
Modification of description in Table 1-1 List of Ordering Part Numbers
108
Addition of package drawing in 4.4 24-pin Package
2.40
Mar 29, 2024
3
Modification of Figure 1-1. Part Number, Memory Size, and Package of
RL78/G12
4
Modification of Table 1-1. List of Ordering Part Numbers
2.50
Jan 17, 2025
3
Modification of Figure 1-1. Part Number, Memory Size, and Package of
RL78/G12
4
Modification of Table 1-1. List of Ordering Part Numbers
All trademarks and registered trademarks are the property of their respective owners.
SuperFlash is a registered trademark of Silicon Storage Technology, Inc. in several countries including the United
States and Japan.
Caution: This product uses SuperFlash® technology licensed from Silicon Storage Technology, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com