Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LLL3CFB Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # R7F100LLL3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 42Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 43Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 44Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 45Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 46Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 47Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 48Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 49Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 148 page
background image
RL78/L23
1. Outline
R01DS0502EJ0110 Rev.1.10
Page 46 of 145
Oct 31, 2025
Note 1. Overwrite the flash memory during operation at 2 MHz or a lower frequency.
Note 2. When the flash memory is to be overwritten, switch to high-speed main (HS) mode or low-speed main (LS) mode.
Note 3. The number of PWM outputs varies depending on the setting of channels in use (the number of masters and slaves). For
details, see 7.9.3 Operation for the multiple PWM output function in the RL78/L23 User’s Manual.
Note 4. This applies when the corresponding bit in the peripheral I/O redirection register (PIORx) is set to 1.
Note 5. In normal operation, executing the instruction code FFH triggers an internal reset, but this is not the case during emulation
by the on-chip debugging emulator.
Reset
• Reset by RESET pin
• Internal reset by watchdog timer
• Internal reset by power-on-reset
• Internal reset by voltage detectors (LVD0 and LVD1)
• Internal reset by illegal instruction executionNote 5
• Internal reset by RAM parity error
• Internal reset by illegal-memory access
Power-on-reset circuit
Detection voltage
• 1.50 V (typ.)
Voltage
detector
LVD0
Detection voltage
• Rising edge: 1.69 V to 3.96 V (6 stages)
• Falling edge: 1.65 V to 3.88 V (6 stages)
LVD1
Detection voltage
• Rising edge: 1.67 V to 4.16 V (18 stages)
• Falling edge: 1.63 V to 4.08 V (18 stages)
On-chip debugging
Available (tracing supported)
Power supply voltage
VDD = 1.6 to 5.5 V
Operating ambient temperature
TA = –40 to +105°C (3C: Industrial applications)
(4/4)
Item
44-pin
48-pin
52-pin
64-pin
80-pin
100-pin
R7F100LFx
R7F100LGx
R7F100LJx
R7F100LLx
R7F100LMx
R7F100LPx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com