Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LLL3CFB Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # R7F100LLL3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 47Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 48Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 49Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 50Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 51Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 52Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 53Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 54Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 51 of 145
Oct 31, 2025
2.2.3
Characteristics of the On-chip Oscillators
Note 1. The listed condition applies when the setting of the FRQSEL3 bit in the user option byte is 1.
Note 2. The listed values only indicate the characteristics of the oscillators. See 2.4 AC Characteristics for instruction execution
time.
Note 3. These values are the results of characteristic evaluation and are not checked for shipment.
(TA = -40 to +105°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Item
Symbols
Conditions
Min.
Typ.
Max.
Unit
High-speed on-chip oscillator clock
frequency
fIH
132
MHz
High-speed on-chip oscillator clock
frequency accuracy
HIPREC = 1
-40 to +105°C
-1.0
+1.0
%
HIPREC = 0Note 1
-15
0
%
High-speed on-chip oscillator clock
correction resolution
0.05
%
Middle-speed on-chip oscillator
clock frequencyNote 2
fIM
14
MHz
Middle-speed on-chip oscillator
clock frequency accuracy
-12
+12
%
Middle-speed on-chip oscillator
clock correction resolution
0.15
%
Middle-speed on-chip oscillator
frequency temperature coefficient
±0.17
Note 3
%/°C
Low-speed on-chip oscillator clock
frequencyNote 2
fIL
32.768
kHz
Low-speed on-chip oscillator clock
frequency accuracy
-15
+15
%
Low-speed on-chip oscillator clock
correction resolution
0.3
%
Low-speed on-chip oscillator
frequency temperature coefficient
±0.21
Note 3
%/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com