Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LLL3CFB Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # R7F100LLL3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 82Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 83Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 84Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 85Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 86Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 87Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 88Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 89Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 86 of 145
Oct 31, 2025
4. In simplified SPI (CSI) communications in the slave mode with devices operating at same voltage levels with the
SCKp external clock
(Notes, Caution, and Remarks are listed on the next page.)
(TA = -40 to +105°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = EVSS = 0 V)
(1/2)
Item
Symbols
Conditions
HS
(high-speed main)
mode
LS
(low-speed main)
mode
LP
(low-power main)
mode
Unit
Min.
Max.
Min.
Max.
Min.
Max.
SCKp cycle time
Note 1
tKCY2
4.0 V ≤ VDD ≤ 5.5 V 20 MHz < fMCK
8/fMCK
8/fMCK
—ns
fMCK ≤ 20 MHz
6/fMCK
6/fMCK
6/fMCK
ns
2.7 V ≤ VDD ≤ 5.5 V 16 MHz < fMCK
8/fMCK
8/fMCK
—ns
fMCK ≤ 16 MHz
6/fMCK
6/fMCK
6/fMCK
ns
2.4 V ≤ VDD ≤ 5.5 V
6/fMCK
and 500
6/fMCK
and 500
6/fMCK
and 500
ns
1.8 V ≤ VDD ≤ 5.5 V
6/fMCK
and 750
6/fMCK
and 750
6/fMCK
and 750
ns
1.6 V ≤ VDD ≤ 5.5 V
6/fMCK
and
1500
6/fMCK
and
1500
6/fMCK
and
1500
ns
SCKp
high-level width,
low-level width
tKH2,
tKL2
4.0 V ≤ VDD ≤ 5.5 V
tKCY2/2
-7
tKCY2/2
-7
tKCY2/2
-7
ns
2.7 V ≤ VDD ≤ 5.5 V
tKCY2/2
-8
tKCY2/2
-8
tKCY2/2
-8
ns
1.8 V ≤ VDD ≤ 5.5 V
tKCY2/2
-18
tKCY2/2
-18
tKCY2/2
-18
ns
1.6 V ≤ VDD ≤ 5.5 V
tKCY2/2
-66
tKCY2/2
-66
tKCY2/2
-66
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com