Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LLL3CFB Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # R7F100LLL3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 49Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 50Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 51Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 52Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 53Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 54Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 55Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 56Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 53 of 145
Oct 31, 2025
Note 4. The maximum value is -30 mA with an ambient operating temperature range of +85°C to +105°C.
Note 5. The maximum value is -50 mA with an ambient operating temperature range of +85°C to +105°C.
Note 6. The maximum values are respectively -100 mA and -60 mA with an ambient operating temperature range of -40 to +85°C
and of +85°C to +105°C.
Caution
The following pins do not output high-level signals in the N-ch open-drain mode: P00 to P07, P10, P11, P16, P17,
P22, P26, P27, P33 to P35, P40 to P47, P50, P52 to P54, P64 to P66, P75 to P77, P80 to P87, P93 to P97, P125,
P130, P140, and P143 to P147
Remark
The characteristics of functions multiplexed on a given pin are the same as those for the port pin unless otherwise
specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com