Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LLL3CFB Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R7F100LLL3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 7Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 8Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 9Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 10Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 11Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 12Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 13Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 14Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 148 page
background image
RL78/L23
1. Outline
R01DS0502EJ0110 Rev.1.10
Page 11 of 145
Oct 31, 2025
1.3.2
48-pin products
• 48-pin plastic LFQFP (7 × 7 mm, 0.50-mm pitch)
• 48-pin plastic HWQFN (7 × 7 mm, 0.50-mm pitch)
Note 1. Not present in products with 128 or fewer Kbytes of code flash memory.
Note 2. The 48-pin plastic LFQFP (7 × 7 mm, 0.50-mm pitch) products do not have an exposed die pad.
Caution
Connect the REGC pin to VSS via a capacitor (0.47 to 1 µF).
Remark 1. For pin identification, see 1.4 Pin Identification.
Remark 2. Functions in parentheses can be assigned via settings in the peripheral I/O redirection registers (PIORx). For details, see
4.3.10 Peripheral I/O redirection registers (PIORx) in the RL78/L23 User’s Manual.
Remark 3. For products in the HWQFN package, solder the exposed die pad to the printed circuit board.
We recommend leaving the destination for mounting of the exposed die pad electrically open-circuit.
36 35 34 33 32 31 30 29 28 27 26 25
1
37
38
39
40
41
42
43
44
45
46
47
48
24
23
22
21
20
19
18
17
16
15
14
13
RL78/L23
(Top View)
P57/INTP6/SEG11/TSCAP/(TI03)/(TO03)/(REMOOUT)
P75/KR5/SEG17/TS11/CCD02/SCK20/SCL20/(TKBO11)
Note 1/(TKBO01)/(TI03)/(TO03)/(REMOOUT)/(INTP0)
P76/KR6/SEG18/TS10/CCD01/TKBO00/SI20/SDA20/RxD2/EI76/EO76/(INTP2)/(RTC1HZ)/(EXSDO1)
P77/KR7/SEG19/TS09/CCD00/TKBO01/SO20/TxD2/EI77/EO77/(TKBO21)Note 1/(TI07)/(TO07)/(INTP1)/(EXSDO0)
P125/VL3/TS02/(TI06)/(TO06)/(INTP7)/(SDA30)/(PCLBUZ1)
P85/VL4/(VCOUT0)/(INTP4)/(SCK10)/(SCL10)/(SCL30)
P86/VL2/(TI06)/(TO06)/(INTP3)/(RxD1)/(SI10)/(SDA10)/(PCLBUZ1)
P87/VL1/(TxD1)/(SO10)
P126/CAPL/TS01/(TI04)/(TO04)/(INTP4)
P127/CAPH/TS00/(TI03)/(TO03)/(REMOOUT)
P61/SDAA0/CCD05/EO61/(TI02)/(TO02)/(INTP4)
P60/SCLA0/CCD04/EO60/(TI01)/(TO01)/(INTP3)
Exposed die pad
23 456 7 8 9 10 11 12
P20/ANI1/AVREFM/EI20/(TI00)/(INTP7)/(PCLBUZ1)
P21/ANI0/AVREFP/VBAT1/EI21/(TO00)/(INTP6)/(PCLBUZ0)
P22/ANI16/SEG29/SCK21/SCL21/(SCK00)/(SCL00)/(INTP7)
P26/ANI20/SEG33/ANO0/EI26/TxDA1/SI21/SDA21/(TKBO20)
Note 1/(INTP5)/(RxD0)/(SI00)/(SDA00)/(EXSDI0)
P27/ANI21/SEG34/ANO1/EI27/RxDA1/SO21/(TKBO21)Note 1/(INTP4)/(TxD0)/(SO00)/(EXSDI1)
P10/ANI22/SEG35/TxDA0/SCK11/SCL11/(TKBO10)Note 1/(INTP0)
P11/ANI23/SEG36/RxDA0/SI11/SDA11/(TKBO11)Note 1/(TRJIO1)Note 1/(INTP1)
P12/ANI24/SEG37/EI12/CLKA0/SO11/(TKBO00)/(TRJO1)
Note 1/(PCLBUZ1)
P13/ANI25/SEG38
P16/SEG41/SCK00/SCL00/EI16/(VCOUT0)/(TKBO01)/(RTC1HZ)
P17/SEG42/SI00/RxD0/TOOLRxD/SDA00/EI17/EO17/EXSDI1/(TKBO01)/(TRJIO0)
P00/SEG43/SO00/TxD0/TOOLTxD/EI00/EO00/EXSDI0/(TKBO01)/(TRJO0)
Note 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com