Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LLL3CFB Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # R7F100LLL3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 71Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 72Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 73Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 74Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 75Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 76Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 77Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 78Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 75 of 145
Oct 31, 2025
Note 12. This current only flows to the D/A converter. The supply current of the RL78 microcontrollers is the sum of the values of
either IDD1 or IDD2, and IDAC, when the D/A converter is operating or in the HALT mode.
Note 13. This current only flows to the comparator. The supply current of the RL78 microcontrollers is the sum of IDD1, IDD2 or IDD3
and ICMP when the comparator is in operation.
Note 14. This current only flows to the LVD circuit. The supply current of the RL78 microcontrollers is the sum of IDD1, IDD2 or IDD3 and
ILVD when the LVD circuit is in operation.
Note 15. This current only flows during self-programming.
Note 16. This current only flows while the data flash memory is being rewritten.
Note 17. This current only flows into the SNOOZE mode sequencer. Note that the operating current of the low-speed on-chip
oscillator and the XT1 oscillator are not included. The supply current of the RL78 microcontrollers is the sum of either IDD1 or
IDD2, and ISMS, when the SNOOZE mode sequencer is operating or in the HALT mode.
Note 18. For shift time to the SNOOZE mode, see 27.3.3 SNOOZE mode in the RL78/L23 User’s Manual.
Note 19. The listed values apply when the SNOOZE mode sequencer is in normal operation equivalent to IDD1. They do not include
the current flowing into the peripheral functions other than the SNOOZE mode sequencer.
Note 20. This current is added to the supply current in the HALT mode when the setting of RTCLPC is 0 in the STOP mode, or when
the setting of RTCLPC is 0 with the subsystem clock X (fSX) selected as the CPU clock, while the subsystem clock X (fsx) is
oscillating.
Note 21. This current is added to the supply current when the output voltage control port is set.
Note 22. This current does not include the current flowing into the I/O port pins.
Note 23. This current flows to VDD.
Note 24. This current only flows to the LCD controller/driver. The supply current of the RL78 microcontrollers is the sum of the supply
current (IDD1 or IDD2) and LCD operating current (ILCD1, ILCD2, or ILCD3) when the LCD controller/driver is operating while the
MCU is operating or in the HALT mode. It does not include the current flowing into the LCD panel. The values in the Typ. and
Max. columns apply under the following conditions.
• Setting 20 pins as the segment function and blinking all
• Selecting fSUB when LCD clock = 128 Hz (LCDC0 = 07H)
• Setting four time slices and 1/3 bias
Note 25. This current does not include the current flowing into the external division resistor when the external resistance division
method is in use.
Note 26. In addition to these conditions, VL2 (Max.) + 0.1 V
≤ VDD must be satisfied. For details, see 2.6.8.2 Internal voltage
boosting method.
Remark 1. fIL: Low-speed on-chip oscillator clock frequency
Remark 2. fSX: Subsystem clock X frequency
Remark 3. fCLK: CPU/peripheral hardware clock frequency
Remark 4. The typical value for the ambient operating temperature (TA) is +25°C unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com