Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LLL3CFB Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # R7F100LLL3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 86Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 87Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 88Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 89Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 90Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 91Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 92Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 93Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 90 of 145
Oct 31, 2025
5. In simplified I2C communications with devices operating at same voltage levels
(Notes and Caution are listed on the next page, and Remarks are listed on page 92.)
(TA = -40 to +105°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = EVSS = 0 V)
(1/2)
Item
Symbols
Conditions
HS
(high-speed main)
mode
LS
(low-speed main)
mode
LP
(low-power main)
mode
Unit
Min.
Max.
Min.
Max.
Min.
Max.
SCLr clock frequency
fSCL
2.7 V ≤ VDD ≤ 5.5 V,
Cb = 50 pF, Rb = 2.7 kΩ
1000
Note 1
1000
Note 1
400Note 1 kHz
1.8 V ≤ VDD ≤ 5.5 V,
Cb = 100 pF, Rb = 3 kΩ
400Note 1
400Note 1
400Note 1 kHz
1.8 V ≤ VDD < 2.7 V,
Cb = 100 pF, Rb = 5 kΩ
300Note 1
300Note 1
300Note 1 kHz
1.6 V ≤ VDD < 1.8 V,
Cb = 100 pF, Rb = 5 kΩ
250Note 1
250Note 1
250Note 1 kHz
Hold time when SCLr is
low
tLOW
2.7 V ≤ VDD ≤ 5.5 V,
Cb = 50 pF, Rb = 2.7 kΩ
475
475
1150
ns
1.8 V ≤ VDD ≤ 5.5 V,
Cb = 100 pF, Rb = 3 kΩ
1150
1150
1150
ns
1.8 V ≤ VDD < 2.7 V,
Cb = 100 pF, Rb = 5 kΩ
1550
1550
1550
ns
1.6 V ≤ VDD < 1.8 V,
Cb = 100 pF, Rb = 5 kΩ
1850
1850
1850
ns
Hold time when SCLr is
high
tHIGH
2.7 V ≤ VDD ≤ 5.5 V,
Cb = 50 pF, Rb = 2.7 kΩ
475
475
1150
ns
1.8 V ≤ VDD ≤ 5.5 V,
Cb = 100 pF, Rb = 3 kΩ
1150
1150
1150
ns
1.8 V ≤ VDD < 2.7 V,
Cb = 100 pF, Rb = 5 kΩ
1550
1550
1550
ns
1.6 V ≤ VDD < 1.8 V,
Cb = 100 pF, Rb = 5 kΩ
1850
1850
1850
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com