Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LLL3CFB Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # R7F100LLL3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 53Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 54Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 55Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 56Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 57Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 58Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 59Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 60Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 57 of 145
Oct 31, 2025
Note
The listed value applies when IOL1 = 40.0 mA is specified for the following port pins by the 40-mA port output control register
(PTDC).
Pins P00, P05, and P16 of 44- to 52-pin products, and of 64-pin products with 64- to 128-Kbyte code flash memory
Pins P07, P10, and P27 of 64-pin products with 256- to 512-Kbyte code flash memory, and of 80- and 100-pin products
Remark
The characteristics of functions multiplexed on a given pin are the same as those for the port pin unless otherwise
specified.
(TA = -40 to +105°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = EVSS = 0 V)
(5/7)
Item
Symbols
Conditions
Min.
Typ.
Max.
Unit
Output voltage,
low
VOL1
P00 to P07, P10 to P17,
P22 to P27, P30 to P35,
P40 to P47, P50 to P57,
P64 to P67, P70 to P77,
P80 to P87, P90 to P97,
P125 to P127, P130,
P140 to P147
4.0 V ≤ VDD ≤ 5.5 V
IOL1 = 20.0 mA
1.3
V
IOL1 = 40.0 mANote
1.3
V
4.0 V ≤ VDD ≤ 5.5 V
IOL1 = 8.5 mA
0.7
V
IOL1 = 17.0 mANote
0.7
V
2.7 V ≤ VDD ≤ 5.5 V
IOL1 = 3.0 mA
0.6
V
IOL1 = 6.0 mANote
0.6
V
2.7 V ≤ VDD ≤ 5.5 V
IOL1 = 1.5 mA
0.4
V
IOL1 = 3.0 mANote
0.4
V
1.8 V ≤ VDD ≤ 5.5 V
IOL1 = 0.6 mA
0.4
V
IOL1 = 1.2 mANote
0.4
V
1.6 V ≤ VDD ≤ 5.5 V
IOL1 = 0.3 mA
0.4
V
IOL1 = 0.6 mANote
0.4
V
VOL2
P20, P21, P121, P122
4.0 V ≤ VDD ≤ 5.5 V, IOL2 = 8.5 mA
0.7
V
2.7 V ≤ VDD < 4.0 V, IOL2 = 1.5 mA
0.5
V
1.8 V ≤ VDD < 2.7 V, IOL2 = 0.6 mA
0.4
V
1.6 V ≤ VDD < 1.8 V, IOL2 = 0.4 mA
0.4
V
VOL3
P60 to P63
4.0 V ≤ VDD ≤ 5.5 V, IOL3 = 15.0 mA
2.0
V
4.0 V ≤ VDD ≤ 5.5 V, IOL3 = 5.0 mA
0.4
V
2.7 V ≤ VDD ≤ 5.5 V, IOL3 = 3.0 mA
0.4
V
1.8 V ≤ VDD ≤ 5.5 V, IOL3 = 2.0 mA
0.4
V
1.6 V ≤ VDD ≤ 5.5 V, IOL3 = 1.0 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com