Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20-C1 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 61Page - STMicroelectronics ST20-C1 Datasheet HTML 62Page - STMicroelectronics ST20-C1 Datasheet HTML 63Page - STMicroelectronics ST20-C1 Datasheet HTML 64Page - STMicroelectronics ST20-C1 Datasheet HTML 65Page - STMicroelectronics ST20-C1 Datasheet HTML 66Page - STMicroelectronics ST20-C1 Datasheet HTML 67Page - STMicroelectronics ST20-C1 Datasheet HTML 68Page - STMicroelectronics ST20-C1 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 205 page
background image
65/205
5 Multiply accumulate
®
5.7
Data formats
This section gives details of the data formats used by the
smacloop and biquad
instructions.
A signed fractional number of N bits is characterized as x.y, where x+y=N. This means
the number is made up from x bits before the binary point, an implied binary point, and
y fractional bits. Some examples are listed in Table 5.7.
5.7.1
Range
A value
n in x.y format has a range -2x-1
≤ n < 2x-1.
For example, a value in the format 1.15 has range -1
≤ n < 1, and the format 2.14 has
range -2
≤ n <2.
5.7.2
Multiplication
The characteristic of the product of two fractional values is given by:
a.b * c.d = a+c.b+d
5.7.3
Supported formats
Table 5.8 shows the data formats for multiply-accumulate operations supported by the
ST20-C1.
Note that a Q15 value may be (optimally) stored in a 16-bit field, or a wider (>16-bit)
field with redundant sign bits . The two storage methods are described below.
5.7.4
Q15 in 16 bits
Q15 format is a 16-bit signed fractional value in the range -1
≤ n < 1. The value is
stored in two’s-complement form with a sign bit (bit 15), an implied binary point
between bits 15 and 14, and 15 significant fractional bits (bit 14 to bit 0).
Total bits
Range
Format
Short name
32
-1
≤ n < 1
1.31
Q31
16
-1
≤ n< 1
1.15
Q15
16
-2
≤ n < 2
2.14
Q14
Table 5.7 Example data formats
Description
Name
Format
Signed 16-bit fractional
Q14
14 significant fr actional bits
Signed 16-bit fractional
Q15
15 significant fr actional bits
Signed 16-bit fractional
Q31
31 significant fr actional bits
Table 5.8 Supported multiply accumulate data formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com