Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20-C1 Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 72Page - STMicroelectronics ST20-C1 Datasheet HTML 73Page - STMicroelectronics ST20-C1 Datasheet HTML 74Page - STMicroelectronics ST20-C1 Datasheet HTML 75Page - STMicroelectronics ST20-C1 Datasheet HTML 76Page - STMicroelectronics ST20-C1 Datasheet HTML 77Page - STMicroelectronics ST20-C1 Datasheet HTML 78Page - STMicroelectronics ST20-C1 Datasheet HTML 79Page - STMicroelectronics ST20-C1 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 205 page
background image
6.7 Traps
76/205
®
6.7
Traps
The ST20-C1 has a system of traps which act as software generated interrupts. Any
level of exception can be called as a user exception using
ecall. This mechanism can
be used for system calls to an operating system. In addition some special exception
levels are reserved for system use to provide for the trapping of breakpoints,
scheduling events, illegal operations and the machine becoming idle. The reserved
‘system’ exception levels are described in section 6.1.
If a system trap event occurs or a trap is called at an exception level which has a null
trap handler then the CPU ignores the trap and continues.
When a non-null trap handler is started, the trap_mode bit of the status register is set
and the user_mode bit is cleared. The interrupt_mode bit is not altered. The
trap_mode bit indicates that a trap handler is currently executing, so it is cleared if the
trap handler is interrupted.
6.8
Setting up the exception handler
To create an exception handler, an exception work space area must be created, with
enough space for the exception handler’s stack and 8 words at the top of the work
space for the exception control block, as defined in Table 6.3. For minimum interrupt
latency, interrupt handler control blocks should be in fast memory, preferably on-chip.
The normal work space and control block of an exception handler is shown in Figure
6.2. In the control block, ex.HandlerIptr must be initialized to point to the entry point of
the exception handler code.
Figure 6.2 Exception handler
ex.HandlerIptr
Pointer OR 1
Exception
handler code
entry point
Interrupted
or trapped state
Work
space
Exception
vector
table
Exception
level
(7 words)
(word offset)
ExceptionBase
Exception
Handler
Initial
exception handler
Wptr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com