Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20-C1 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 7Page - STMicroelectronics ST20-C1 Datasheet HTML 8Page - STMicroelectronics ST20-C1 Datasheet HTML 9Page - STMicroelectronics ST20-C1 Datasheet HTML 10Page - STMicroelectronics ST20-C1 Datasheet HTML 11Page - STMicroelectronics ST20-C1 Datasheet HTML 12Page - STMicroelectronics ST20-C1 Datasheet HTML 13Page - STMicroelectronics ST20-C1 Datasheet HTML 14Page - STMicroelectronics ST20-C1 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 205 page
background image
11/205
2 Notation
®
represent an address which is offset by
x words (4x bytes) from the address in
register. For example, in the specification of load non-local there is:
Areg
′← word[Areg @ n]
Here, Areg is loaded with the contents of the word that is n words from the address
pointed to by Areg, i.e. the word at address Areg
+ 4n.
In all cases, if the given base address has the correct alignment then any offset used
will also give a correctly aligned address.
2.3
Operators used in the definitions
A full list of the operators used in the instruction definitions is given in Table 2.1.
Unless otherwise stated, all arithmetic is signed.
Modulo operators
Arithmetic is done using
modulo arithmetic — i.e. there is no checking for errors and, if
the calculation overflows, the result ‘wraps around’ the range of values representable
in the word length of the processor — e.g. adding 1 to the address at the top of the
Symbol
Meaning
Unchecked (modulo) integer arithmetic
+
−
×
/
rem
Signed integer add, subtract, multiply, divide and remainder. If the computation
overflows the result of the operation is truncated to the word length. If a divide
or remainder by zero occurs the result of the operation is undefined. No errors
are signalled. The operator ‘
−’ is also used as a monadic operator.
Signed comparison operators
<
>
≤
≥
=
≠
Comparisons of signed integer values: ‘less than’, ‘greater than’, ‘less than or
equal’, ‘greater than or equal’, ‘equal’ and ‘not equal’.
Bitwise operators
∼
∧
∨
⊗
>>
<<
>>arith
‘Not’, ‘and’, ‘or’, ‘exclusive or’, logical left and right shift and arithmetic right shift
operations on bits in words.
Boolean operators
not
and
or
Boolean combination in conditionals.
Table 2.1 Operators used in the instruction descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com