Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20-C1 Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 55Page - STMicroelectronics ST20-C1 Datasheet HTML 56Page - STMicroelectronics ST20-C1 Datasheet HTML 57Page - STMicroelectronics ST20-C1 Datasheet HTML 58Page - STMicroelectronics ST20-C1 Datasheet HTML 59Page - STMicroelectronics ST20-C1 Datasheet HTML 60Page - STMicroelectronics ST20-C1 Datasheet HTML 61Page - STMicroelectronics ST20-C1 Datasheet HTML 62Page - STMicroelectronics ST20-C1 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 205 page
background image
59/205
5 Multiply accumulate
®
5.5
Data vectors
Both
biquad and smacloop operate on arrays of 16-bit values, packed two per word.
This allows the ST20-C1 to read two values per cycle from memory which is funda-
mental to the high performance of the multiply-accumulate instructions. In all cases,
data values must be half-word aligned.
Figure 5.1 ST20-C1
biquad instruction example: Q15 = Q15
× Q14
5.6
Scaling
The
biquad and smacloop operations are performed with an oversize accumulator of
48 bits. The accumulator value is always sign-extended to the full width of the accu-
mulator.
During a multiply-accumulate sequence the value in the accumulator may temporarily
go outside the representable range of the final result, but can never overflow the accu-
mulator for a single
biquad or smacloop.
5.6.1
Accumulator scaling
The user-visible accumulator is either in
LongMode (Q31) or ShortMode (Q15). For
smacloop, the mode is defined b y the mac_mode status register field. biquad only
suppor ts
ShortMode.
Pre-scaling converts the user-visible accumulator to an internal format accumulator,
as shown in Figure 5.2. The inverse operation is post-scaling which is converting an
Q14
Z
-1
Input
Z
-1
<< 9
>> 23
Z
-1
Z
-1
Output
Coefficients: 0, L4, L8, L9
Accumulator: R23
Shifts
Q14
Q14
Q14
Q14
Q15
Q15
c[0]
c[1]
c[2
]
c[4]
c[3]
x[0]
x[1]
x[2]
y[1]
y[0]
y[2]
<< 9
<< 9
<< 9
<< 9
<< 22
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com