Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20-C1 Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 62Page - STMicroelectronics ST20-C1 Datasheet HTML 63Page - STMicroelectronics ST20-C1 Datasheet HTML 64Page - STMicroelectronics ST20-C1 Datasheet HTML 65Page - STMicroelectronics ST20-C1 Datasheet HTML 66Page - STMicroelectronics ST20-C1 Datasheet HTML 67Page - STMicroelectronics ST20-C1 Datasheet HTML 68Page - STMicroelectronics ST20-C1 Datasheet HTML 69Page - STMicroelectronics ST20-C1 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 205 page
background image
5.7 Data formats
66/205
®
A Q15 value in a 16-bit field is organiz ed as shown in Figure 5.7.
Figure 5.7 Q15 data format (16-bits)
The minimum and maximum representable values are as shown in Table 5.9.
5.7.5
Q15 in an oversized field
When a Q15 value is stored in an oversized field, e .g.a 32-bit register, the significant
bits are placed at the least significant end of the field, and the v alue is sign-extended
to the width of the whole field.
The value still has the same range (-1
≤ n < 1) and the same number of significant
bits.
A Q15 value in a 32-bit field is organiz ed as shown in Figure 5.8.
Figure 5.8 Q15 data format (32-bits)
The minimum and maximum representable values are as shown in Table 5.10.
Hex Value
Decimal Value
Minimum
8000
-1
Maximum
7FFF
+0.9999
Table 5.9 Q15 limiting values
2-1
-(20)2-2
2-3
2-14
2-15
binary point
sign bit
15
14
13
12
0
1
Bit position
Most significant
Least significant
-(20)
-(20)
-(20)
-(20)
-(20)2-1
2-14
2-13
2-15
binary point
sign bit
31
30
29
16
15
14
0
1
2
Bit position
Most significant
Least significant
Basic Q15 value
sign extended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com