Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20-C1 Datasheet(PDF) 56 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 52Page - STMicroelectronics ST20-C1 Datasheet HTML 53Page - STMicroelectronics ST20-C1 Datasheet HTML 54Page - STMicroelectronics ST20-C1 Datasheet HTML 55Page - STMicroelectronics ST20-C1 Datasheet HTML 56Page - STMicroelectronics ST20-C1 Datasheet HTML 57Page - STMicroelectronics ST20-C1 Datasheet HTML 58Page - STMicroelectronics ST20-C1 Datasheet HTML 59Page - STMicroelectronics ST20-C1 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 205 page
background image
5.1 Data formats
56/205
®
5
Multiply accumulate
This section describes the multiply-accumulate instructions and their use. All these
instructions are described in the context of their intended use. Instructions for general
use (arithmetic, loading, storing etc.) are described in Chapter 4. Instructions for
exceptions are described in Chapter 6 and multi-tasking instructions are described in
Chapter 7. The architecture of the ST20-C1, including the registers and memory
arrangement, is described in Chapter 3.
Multiply accumulate operations are provided by the signal processing instructions
listed in Table 5.1.
5.1
Data formats
A signed fractional number of
N bits is described as x.y, where x+y=N. This means the
number is made up from
x bits before the binary point, an implied binary point, and y
fractional bits. More details of the data formats are given in section 5.7.
5.2
mac and umac
mac and umac are general purpose multiply accumulate instructions, multiplying two
32-bit values and adding them to a 32-bit unsigned initial accumulator, giving a 64-bit
accumulator.
mac treats the multiplicands as signed and umac treats them as
unsigned. Initially Areg and Breg hold the values to be multiplied and Creg holds the
initial accumulator. On completion, Areg is the least significant word of the result
accumulator, Breg the most significant and Creg holds a copy of the initial Areg.
5.3
Short multiply accumulate loop
The
smacloop instruction performs a multiply-accumulate operation on two vectors of
16-bit values held in memory. It takes an initial accumulator value and two pointers,
one to each of two data vectors.
• The X vector of data values is normally considered to reside within a circular
buffer of programmable size, but this can be turned off. When data fetches
reach the end of this buffer, the pointer wraps-around back to the start of the
buffer and continues. The X vector must be word aligned.
• The Y vector of coefficients is always in a flat address space , and never wraps
around. The Y vector must be half-word aligned.
Mnemonic
Name
mac
multiply accumulate
umac
unsigned multiply accumulate
smacinit
initialize short multiply accumulate loop
smacloop
short multiply accumulate loop
biquad
biquad IIR filter step
Table 5.1 Multiply accumulate instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com