Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20-C1 Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 63Page - STMicroelectronics ST20-C1 Datasheet HTML 64Page - STMicroelectronics ST20-C1 Datasheet HTML 65Page - STMicroelectronics ST20-C1 Datasheet HTML 66Page - STMicroelectronics ST20-C1 Datasheet HTML 67Page - STMicroelectronics ST20-C1 Datasheet HTML 68Page - STMicroelectronics ST20-C1 Datasheet HTML 69Page - STMicroelectronics ST20-C1 Datasheet HTML 70Page - STMicroelectronics ST20-C1 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 205 page
background image
67/205
5 Multiply accumulate
®
Memory access
A Q15 stored in memory may be loaded to Areg with a
lsxinc instruction which will
automatically sign-extend the value. Similarly a Q15 may be written to memory with a
ssinc instruction (which will discard the top 16 bits).
Saturation
A well-formed Q15 value is sign extended to the width of the field, and so bits 15 to 31
inclusive will all be identical. Conversely, if the bits from 15 to 31 inclusive are not all
identical, then the value is not well-formed. It has either
overflowed (if b31=0, so
positive) or
underflo wed (if bit31=1, so negative).
A Q15 value in Areg may be saturated with the sequence:
ldc 00007FFF;
order;
ldc FFFF8000;
order;
rev;
5.7.6
Q31 format
Q31 format is a 32-bit signed fractional value in the range -1
≤ n < 1. The value is
stored in two’s-complement form with a sign bit (bit 31), an implied binary point
between bits 31 and 30, and 31 significant fractional bits (bit 30 to bit 0).
A Q31 value in a 32-bit field is organiz ed as shown in Figure 5.9.
Figure 5.9 Q31 data format
The minimum and maximum representable values are as shown in Table 5.11.
Hex Value
Decimal Value
Minimum
FFFF8000
-1
Maximum
00007FFF
+0.9999
Table 5.10 Q15 limiting values
2-1
-(20)2-2
2-4
2-3
2-5
2-30
2-29
2-31
binary point
sign bit
31
30
29
28
27
26
0
1
2
Bit position
Most significant
Least significant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com