Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20-C1 Datasheet(PDF) 81 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 77Page - STMicroelectronics ST20-C1 Datasheet HTML 78Page - STMicroelectronics ST20-C1 Datasheet HTML 79Page - STMicroelectronics ST20-C1 Datasheet HTML 80Page - STMicroelectronics ST20-C1 Datasheet HTML 81Page - STMicroelectronics ST20-C1 Datasheet HTML 82Page - STMicroelectronics ST20-C1 Datasheet HTML 83Page - STMicroelectronics ST20-C1 Datasheet HTML 84Page - STMicroelectronics ST20-C1 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 205 page
background image
81/205
7 Multi-tasking
®
value
MostNeg) at the bottom of the memory space.
Figure 7.4 A process queue
7.4
Timeslicing
The ST20-C1 includes support for timeslicing. Timeslicing is a safeguard in a multi-
tasking environment to prevent any one process from taking too much processor time.
Exception handlers are not timesliced.
A timeslicing counter is provided as a field of the status register called the
timeslice_count. It is reset to
MaxTimesliceCount each time a user process is loaded
from the scheduling queue into the CPU. The counter is decremented regularly until it
reaches 0, and then stays at 0. A timeslice is due when the counter value is 0.
If a
timeslice instruction is executed when a timeslice is due and timeslicing is enabled
then:
• the timeslice trap will be taken if it is installed;
• otherwise the current process will be timesliced, i.e. the current process is
placed on the back of the scheduling queue and the process on the front of the
scheduling queue is loaded into the CPU for execution.
If an exception occurs, the value of the counter is saved with the status register and
reloaded when the interrupted or trapped process is restarted. This ensures that a
process will be executed for roughly the same time regardless of whether it was inter-
rupted or trapped.
The timeslice_enable bit of the status register can be used to enable or disable
timeslicing. Timeslicing is enabled when the bit is set. This bit is preserved when a
process is descheduled, so it may be treated as global among user processes. Times-
licing must not be enabled in exception handlers.
Front
Back
Front
Back
Queue control block
Process descriptor blocks
Wptr
Iptr
Wptr
Iptr
Wptr
Iptr
Wptr
Iptr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com