Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20-C1 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 16Page - STMicroelectronics ST20-C1 Datasheet HTML 17Page - STMicroelectronics ST20-C1 Datasheet HTML 18Page - STMicroelectronics ST20-C1 Datasheet HTML 19Page - STMicroelectronics ST20-C1 Datasheet HTML 20Page - STMicroelectronics ST20-C1 Datasheet HTML 21Page - STMicroelectronics ST20-C1 Datasheet HTML 22Page - STMicroelectronics ST20-C1 Datasheet HTML 23Page - STMicroelectronics ST20-C1 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 205 page
background image
3.3 Registers
20/205
®
An implementation of the ST20-C1 core may include a
register cache. This provides a
mechanism to accelerate access to local work space without changing the
programmer’s model of how the work space operates or impacting either the excellent
code density or low interrupt latency associated with a stack-based instruction set.
3.3
Registers
This section introduces the ST20-C1 core registers that are visible to the programmer.
Seven registers, known as process state registers, define the local state of the
executing process. These registers are preserved through exceptions. One other
register is provided for performing input/output, and is not preserved through excep-
tions. All registers are 32-bit. Each instruction explicitly refers to specific registers , as
described in the instruction definitions .
The state of an executing process at any instant is defined b y the contents of the
machine registers listed in Table 3.1. The registers are illustrated in Figure 3.4 and
described in the rest of this section.
Figure 3.4 Register set
Register
Description
Areg
Evaluation stack register A
Breg
Evaluation stack register B
Creg
Evaluation stack register C
Iptr
Instruction pointer register, pointing to the next instruction to be executed
Status
Status register
Wptr
Work space pointer, pointing to the stack of the currently executing process
Tdesc
Task descriptor
IOreg
Input and output register
Table 3.1 Processor registers
Iptr
Areg
Breg
Creg
IOReg
Tdesc
Wptr
Evaluation Stack
Memory
Program
Code
Local
Program
Data
offset
base
Status
Task Descriptor
Instruction Pointer
Workspace Pointer
ST20-C1 Core
Task Control
Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com