Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20-C1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 9Page - STMicroelectronics ST20-C1 Datasheet HTML 10Page - STMicroelectronics ST20-C1 Datasheet HTML 11Page - STMicroelectronics ST20-C1 Datasheet HTML 12Page - STMicroelectronics ST20-C1 Datasheet HTML 13Page - STMicroelectronics ST20-C1 Datasheet HTML 14Page - STMicroelectronics ST20-C1 Datasheet HTML 15Page - STMicroelectronics ST20-C1 Datasheet HTML 16Page - STMicroelectronics ST20-C1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 205 page
background image
13/205
2 Notation
®
2.3.2
Conditions to instructions
In many cases, the action of an instruction depends on the current state of the
processor. In these cases the conditions are shown by an if clause; this can take one
of the following forms:
• if condition
statement
• if condition
statement
else
statement
• if condition
statement
else if
condition
statement
else
statement
These conditions can be nested. Braces, {}, are used to group statements which are
dependent on a condition. For example, the
cj (conditional jump) instruction contains
the following lines:
if (Areg = 0)
Iptr
′← next instruction + n
else
{
Iptr
′← next instruction
Areg
′← Breg
Breg
′← Creg
Creg
′← Areg
}
This says that if the value in Areg is zero, then the jump is taken (the instruction
operand, n, is added to the instruction pointer), otherwise the stack is popped and
execution continues with the next instruction.
2.4
Data structures and constants
A number of data structures have been defined in this man ual. Each comprises a
number of data slots that are referenced by name in the text and the instruction
descriptions.
These data structures are listed in the tables in Appendix A. Each table gives the
name of each slot in the structure and the word offsets from the base address of the
structure. A slot in a data structure is identified using the offset notation descr ibed in
section 2.2.5:
word[
base_address @ word_offset]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com