Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20-C1 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 8Page - STMicroelectronics ST20-C1 Datasheet HTML 9Page - STMicroelectronics ST20-C1 Datasheet HTML 10Page - STMicroelectronics ST20-C1 Datasheet HTML 11Page - STMicroelectronics ST20-C1 Datasheet HTML 12Page - STMicroelectronics ST20-C1 Datasheet HTML 13Page - STMicroelectronics ST20-C1 Datasheet HTML 14Page - STMicroelectronics ST20-C1 Datasheet HTML 15Page - STMicroelectronics ST20-C1 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 205 page
background image
2.3 Operators used in the definitions
12/205
®
address map produces the address of the byte at the bottom of the address map.
These operators are represented by the symbols ‘
+’, ‘−’, etc.
Error conditions
Any errors that can occur in instructions which are defined in ter ms of the modulo
operators are indicated explicitly in the instruction description. For example the
add
instruction indicates the cases that can cause overflow or underflow, independently of
the actual addition:
if (sum > MostPos)
{
Areg
′← sum − 2BitsPerWord
Status
′
underflo w ←
clear
Status
′
overflow
← set
}
else if (sum < MostNeg)
{
Areg
′← sum + 2BitsPerWord
Status
′
underflo w ←
set
Status
′
overflow
← clear
}
else
{
Areg
′← sum
Status
′
underflo w ←
clear
Status
′
overflow
← clear
}
...
2.3.1
Functions
Type conversions
The following notation is used to indicate the type cast of x to a 16-bit integer:
int16 (x)
If x is too large or too small to fit into a 16-bit integer then the result of the instruction is
undefined.
Double word splitting
Where a calculation is performed using a 48-bit or 64-bit value, the value may be split
into two words. The function low_word returns the least significant word and the
function high_word returns the most significant word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com