Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20-C1 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 18Page - STMicroelectronics ST20-C1 Datasheet HTML 19Page - STMicroelectronics ST20-C1 Datasheet HTML 20Page - STMicroelectronics ST20-C1 Datasheet HTML 21Page - STMicroelectronics ST20-C1 Datasheet HTML 22Page - STMicroelectronics ST20-C1 Datasheet HTML 23Page - STMicroelectronics ST20-C1 Datasheet HTML 24Page - STMicroelectronics ST20-C1 Datasheet HTML 25Page - STMicroelectronics ST20-C1 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 205 page
background image
3.3 Registers
22/205
®
global interrupt enable and timeslice enable, which are global and carried from one
process to another across a context switch.
• The mac_count, mac_buffer, mac_scale and mac_mode fields are used by
the multiply-accumulate instructions to hold initialization data which must be
saved when an exception occurs. See Chapter 5 for details of multiply accu-
mulation.
• The global_interrupt_enable bit enables external interrupts. Interrupts
remain enabled or disabled until explicitly disabled or enabled again. This bit is
global and is maintained when a process is descheduled.
• The local_interrupt_enable enables external interrupts. Clearing this bit dis-
ables external interrupts until the current process is descheduled. This is
needed when a process delegates part of its processing to a peripheral and
then deschedules until completion, as described in section 4.11.3.
• Overflo w, underflow and carry bits relating to arithmetic state are kept in the
status word.
The ST20-C1 maintains “sticky” bits in the status word which indicate whether
an overflow or underflow has occurred. This allows a complete expression to
be evaluated before testing whether an overflow has occurred. Overflow and
underflo w are chosen as they apply both to addition as well as multiply as
opposed to a more traditional method of replicating two bits out of the carry
Bit numbers
Full name
Meaning when set or meaning of value
0- 7
mac_count
Multiply-accumulate number of steps.
8- 10
mac_buffer
Multiply-accumulate data buffer size code.
11 - 12
mac_scale
Multiply-accumulate scaling code.
13
mac_mode
Multiply-accumulate accumulator format code.
14
global_interrupt_enable
Enable external interrupts until explicitly disabled.
15
local_interrupt_enable
Enable external interrupts. Clearing this bit disables inter-
rupts until the current process is descheduled.
16
overflo w
An arithmetic operation gave a positive overflow.
17
underflo w
An arithmetic operation gave a negative overflow.
18
carry
An arithmetic operation produced a carry.
19
user_mode
A user process is executing.
20
interrupt_mode
An interrupt handler is executing or trapped.
21
trap_mode
A trap handler is executing.
22
sleep
The processor is due to go to sleep.
23
reserved
Reserved.
24
start_next_task
The CPU must start executing a new process.
25
timeslice_enable
Timeslicing is enabled.
26 - 31
timeslice_count
Timeslice counter.
Table 3.2 Status register bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com