Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20-C1 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 30Page - STMicroelectronics ST20-C1 Datasheet HTML 31Page - STMicroelectronics ST20-C1 Datasheet HTML 32Page - STMicroelectronics ST20-C1 Datasheet HTML 33Page - STMicroelectronics ST20-C1 Datasheet HTML 34Page - STMicroelectronics ST20-C1 Datasheet HTML 35Page - STMicroelectronics ST20-C1 Datasheet HTML 36Page - STMicroelectronics ST20-C1 Datasheet HTML 37Page - STMicroelectronics ST20-C1 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 205 page
background image
4.3 Expression evaluation
34/205
®
Evaluation of expressions sometimes requires the use of temporary variables in the
process work space, but the number of these can be minimized by careful choice of
the evaluation order. The details of how this is achieved by a compiler are described in
Appendix C in section C.3.
4.3.2
Loading operands
The three registers of the evaluation stack are used to hold operands of instructions.
Evaluation of an operand or parameter may involve the use of more than one register.
Care is needed when evaluating such operands to ensure that the first oper and to be
loaded is not pushed off the bottom of the evaluation stack by the evaluation of later
operands. The processor does not detect evaluation stack overflow.
Three registers are available for loading the first oper and, two registers for the second
and one for the third. Consequently, the instructions are designed so that Creg holds
the operand which, on average, is the most complex, and Areg the operand which is
the least complex.
In some cases, it is necessar y to evaluate the Areg and Breg operands in advance,
and to store the results in temporary variables. This can sometimes be avoided using
the reverse instruction. Any of the following sequences may be used to load the
operands
A, B and C into Areg, Breg and Creg respectively.
1C; B; A;
2
C; A; B; rev;
3
B; C; rev; A;
4
A; C; rev; B; rev;
The choice of loading sequence, and of which operands should be evaluated in
advance is determined by the number of registers required to evaluate each of the
operands. The algorithm used by compilers is given in Appendix C in section C.4.
4.3.3
Tables of constants
The ST20-C1 instruction set has been optimized so that the loading of small constants
can be coded compactly — for example it allows the loading of constants between 0
and 15 to be coded in a single byte. Analysis of programs shows that such small
constants occur markedly more frequently than large constants. However when a
large constant does need to be loaded the necessary prefix sequence may be long.
Other techniques may be more efficient in these cases .
A simple mechanism to increase the code compactness is to use a table of constants.
This is implemented by storing all the long constants into a look-up table. This table
and all its constant entries must be aligned on a word boundary. The address of this
table is held in a local variable which is used to index the array. Then to load the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com