Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20-C1 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 29Page - STMicroelectronics ST20-C1 Datasheet HTML 30Page - STMicroelectronics ST20-C1 Datasheet HTML 31Page - STMicroelectronics ST20-C1 Datasheet HTML 32Page - STMicroelectronics ST20-C1 Datasheet HTML 33Page - STMicroelectronics ST20-C1 Datasheet HTML 34Page - STMicroelectronics ST20-C1 Datasheet HTML 35Page - STMicroelectronics ST20-C1 Datasheet HTML 36Page - STMicroelectronics ST20-C1 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 205 page
background image
33/205
4 Using ST20-C1 instructions
®
ssinc writes the half word in the two least significant b ytes of Breg to the location
addressed by Areg.
4.2.4
Memory block copy
A block memory copy may be implemented using the instructions
lwinc and swinc.
These instructions load or store a word, and increment the addresses used.
To copy
n bytes from source to destination, where source and destination are both
word-aligned, a loop should be written, using the temporary variable
limit, as in the
following code:
ld source; ld n; ld destination
add; stl limit
LOOP: lwinc; rev; swinc
ldl limit; arot
gt; cj END; j LOOP;
END:
This is the most efficient method of cop ying, since it reads and writes full words,
making the best use of any 32-bit memory. However, this is not always possible if the
alignment of the source and destination blocks are different. In that case the byte or
half-word load and store should be used.
4.3
Expression evaluation
Expression evaluation and address calculation is performed using the evaluation
stack. For example, the evaluation of operations with two integer operands is
performed by instructions that operate on the values of Areg and Breg. The result is
left in Areg.
Arithmetic and boolean calculations are considered in sections 4.4 and 4.7 respec-
tively. This section describes how the evaluation stack is used. Loading and storing
instructions are described in section 4.2.
In this and subsequent sections, in examples of assembly code, a single letter or iden-
tifier wr itten as an instruction is either an expression or a segment of code. If it is an
expression then it means ‘evaluate the expression and leave the result in the Areg.
4.3.1
Using the evaluation stack
A compiler normally loads a constant expression
c using ldc:
ldc c
Loading from a constant table is described in section 4.3.3.
An expression consisting of a single local variable is loaded using
ldl x
Methods for loading non-local variables are discussed in section 4.2, and array
elements in section 4.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com