Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20-C1 Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 56Page - STMicroelectronics ST20-C1 Datasheet HTML 57Page - STMicroelectronics ST20-C1 Datasheet HTML 58Page - STMicroelectronics ST20-C1 Datasheet HTML 59Page - STMicroelectronics ST20-C1 Datasheet HTML 60Page - STMicroelectronics ST20-C1 Datasheet HTML 61Page - STMicroelectronics ST20-C1 Datasheet HTML 62Page - STMicroelectronics ST20-C1 Datasheet HTML 63Page - STMicroelectronics ST20-C1 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 205 page
background image
5.6 Scaling
60/205
®
internal format accumulator to a user-visible accumulator.
Figure 5.2 Accumulator scaling
The accumulator is left-shifted 8 bits so that the assumed binary point is moved from
below bit 30 to below bit 38. The accumulator value is saturated from bit 38 upwards.
At the end of the multiply-accumulate sequence the accumulator value is shifted down
(right) by an extra 8 bits to compensate for the left shift of 8 on coefficient inputs.
5.6.2
Coefficient scaling
The standard data format for data and coefficients is 1.15 (Q15). The product of two
1.15 numbers is 2.30. The coefficient value for each multiply-accumulate operation is
pre-scaled before being fed into the multiplier. The shift distances are controlled by the
mac_scale field: of the status register, as shown in Table 5.5.
The standard behavior for 1.15 (Q15) values is to shift the coefficients b y 8 places,
using mac_scale set to 2, which exactly compensates the extra right shift of 8 on the
mac_scale
coefficient shift
00
1
left 4
2
left 8
3
left 9
Table 5.5 mac_scale values
ShortMode and biquad
LongMode
1
1
User-visible accumulator
Internal accumulator
0
47
38
0
15
Internal accumulator
0
47
38
0
31
User-visible accumulator
Implied binary point
Bit initially set for rounding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com