Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20-C1 Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 41Page - STMicroelectronics ST20-C1 Datasheet HTML 42Page - STMicroelectronics ST20-C1 Datasheet HTML 43Page - STMicroelectronics ST20-C1 Datasheet HTML 44Page - STMicroelectronics ST20-C1 Datasheet HTML 45Page - STMicroelectronics ST20-C1 Datasheet HTML 46Page - STMicroelectronics ST20-C1 Datasheet HTML 47Page - STMicroelectronics ST20-C1 Datasheet HTML 48Page - STMicroelectronics ST20-C1 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 205 page
background image
45/205
4 Using ST20-C1 instructions
®
where the label
ENDIF: is at the end of the code for the if construct.
The compilation of a while loop is shown by the following example.
while (
E){
P
}
This compiles to:
L:
E; cj ENDWHILE
P; timeslice; j L
ENDWHILE:
Note that this loop includes a
timeslice instruction. This causes the current process to
be descheduled if a timeslice is due and timeslicing is enabled. The presence of this
ensures that the process cannot occupy the CPU for too long provided timeslicing is
enabled. It is good practice for multi-tasking programs to include a
timeslice instruction
in every loop. Timeslicing is described in section 7.4. Single task programs do not
need to timeslice, but should have timeslicing disabled, so the
timeslice instruction
has no effect.
A repeat .. until loop is shown by the following example.
repeat {
P
} until
E
This compiles to:
jK
L:
E; eqc 0; cj END
K:
P; timeslice; j L
END:
4.6.5
Ordering instructions
Two instructions are provided to select the smaller of two values. If Breg is smaller
than Areg as a signed integer,
order will swap Areg and Breg; otherwise order will
have no effect. This can be used to find the minim um of two signed variables:
ldl a; ldl b; order;
stl minimum; stl maximum
Similarly
orderu can be used to find the minimum or maximum of two unsigned values
4.7
Evaluation of boolean expressions
This section describes the operations using the logical
true and false values, as used
with the conditional jump
cj. Conditional behavior and comparisons are described in
section 4.6. Bitwise boolean operations are described in section 4.8. General issues
concerning expression evaluation are discussed in section 4.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com