Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20-C1 Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 51Page - STMicroelectronics ST20-C1 Datasheet HTML 52Page - STMicroelectronics ST20-C1 Datasheet HTML 53Page - STMicroelectronics ST20-C1 Datasheet HTML 54Page - STMicroelectronics ST20-C1 Datasheet HTML 55Page - STMicroelectronics ST20-C1 Datasheet HTML 56Page - STMicroelectronics ST20-C1 Datasheet HTML 57Page - STMicroelectronics ST20-C1 Datasheet HTML 58Page - STMicroelectronics ST20-C1 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 205 page
background image
55/205
4 Using ST20-C1 instructions
®
is the address of the control block ORed with the type flag
ExceptionProcessType in
bit 0.
The code to perform a DMA to transmit
param_count bytes to or from param_buffer
using
exception level
except_level where
the DMA
registers
periph_count,
periph_buffer and periph_star t are in a block at peripheral and the interrupt handler is
at
except_control_b lock would be similar to the following:
ld except_control_block; ldc ExceptionProcessType; or;
ld ExceptionBase; stnl except_level;
ld param_count; ld peripheral; stnl periph_count;
ld param_buffer; arot; stnl periph_buffer;
ldc start_value; arot; stnl periph_star t;
When the interrupt handler starts execution the peripheral job will be complete.
4.12 Status register
The status register may be manipulated using the instructions listed in Table 4.14.
In each of these instructions, Areg holds a bit mask.
statusclr copies the initial status
register into the Areg and clears the bits of the status register that are set in the initial
Areg. For example, to clear the bit
bit_number:
ldc bit_number; bitmask; statusclr
statusset is similar, but sets the bits of the status register that are set in the initial
Areg.
statustst returns in the Areg the status bits masked by the initial Areg. The
Breg and Creg are unaffected.
The status register is described in section 3.3.2.
Mnemonic
Name
statusclr
clear bits in status register
statusset
set bits in status register
statustst
test status register
Table 4.14 Semaphore instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com